Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB024 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB024
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB024 Datasheet(HTML) 2 Page - STMicroelectronics

  VB024 Datasheet HTML 1Page - STMicroelectronics VB024 Datasheet HTML 2Page - STMicroelectronics VB024 Datasheet HTML 3Page - STMicroelectronics VB024 Datasheet HTML 4Page - STMicroelectronics VB024 Datasheet HTML 5Page - STMicroelectronics VB024 Datasheet HTML 6Page - STMicroelectronics VB024 Datasheet HTML 7Page - STMicroelectronics VB024 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Uni t
HVC
Collect or Voltage
Internally Limited
V
IC
Collect or Current
Internally Limited
A
Vd
Driving Stage Supply Voltage
16
V
Id
Driving Circuitry Supply Current
600
mA
Vin
Maximum Input Voltage
10
V
Vs
Control Circuitry Supply Voltage
8
V
Is
Control Circuitry Supply Current
200
mA
Tj
Operating Junction Temperature
-40 to 150
oC
Tstg
St orage Temperat ure Range
-55 to 150
oC
THERMAL DATA
Rthj-case
Thermal Resistance Junction Case
(MAX)
2.5
oC/W
Rthj-amb
Thermal Resistance Junction Ambient
(MAX)
30
oC/W
CONNECTION DIAGRAM
PIN FUNCTION
No
NAME
FUNCTI ON
1
GND
Emitt er Power and Control Ground
2
LATCH ENABLE
Enables Of The Latch Circuitry Which Turn Off The Driver
3
Vd
Supply Voltage For The Power Stage
4
OUT
Output to The Primary Coil
5
Vs
Supply Voltage For The Control Stage
6INPUT
7
FLAG
Output of A Logic Signal When I c I s Greater Than 3 A
VB024
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com