Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF020 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation AT88RF020 Datasheet HTML 12Page - ATMEL Corporation AT88RF020 Datasheet HTML 13Page - ATMEL Corporation AT88RF020 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
AT88RF020
2010C–RFID–2/06
Die Layout
Figure 3. Die Layout
Overall Die Size:
1.866 mm x 1.953 mm
73.5 mils x 76.9 mils
Pad Size:
80 µm (square pad)
90 µm (octagon pad)
3.1 mils
3.5 mils
Pad Location
AC1
X=
198.44 µm
X=
7.813 mils
Y=
645.44 µm
Y=
25.411 mils
AC2
X=
581.40 µm
X=
22.890 mils
Y=
645.44 µm
Y=
25.411 mils
Test 1
X=
−102.54 µm
X=
−4.037 mils
Y=
854.48 µm
Y=
33.641 mils
Test 2
X=
−235.68 µm
X=
−9.279 mils
Y=
854.48 µm
Y=
33.641 mils
Test 3
X=
−383.44 µm
X=
−15.096 mils
Y=
854.48 µm
Y=
33.641 mils
Test 4
X=
−533.20 µm
X=
−20.992 mils
Y=
854.48 µm
Y=
33.641 mils
Test 5
X=
−776.80 µm
X=
−30.583 mils
Y=
732.00 µm
Y=
28.819 mils
Test 6
X=
−776.80 µm
X=
−30.583 mils
Y=
−732.00 µm
Y=
−28.819 mils
Test 7
X=
805.84 µm
X=
31.726 mils
Y=
−732.00 µm
Y=
28.819 mils
.0735" x .0769"
AT29654
Test 6
Test 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com