Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF020 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88RF020 Datasheet HTML 1Page - ATMEL Corporation AT88RF020 Datasheet HTML 2Page - ATMEL Corporation AT88RF020 Datasheet HTML 3Page - ATMEL Corporation AT88RF020 Datasheet HTML 4Page - ATMEL Corporation AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
AT88RF020
2010C–RFID–2/06
The PICC ignores all the PARAM bytes with the exception of the least significant four
bits of PARAM4, which are stored within the chip as the CID for future responses. Any
higher layer INF command is also ignored.
The PICC response to a valid ATTRIB command is always three bytes long. The first
byte contains the CID in the lower nibble and 0x0 in the upper nibble. The next two bytes
are the CRC.
HLTB Command
The HLTB command is used to set the PICC to the HALT state, after which only the
WUPB command will be acknowledged. The format of this 7-byte command is 0x50,
PUPI (4 bytes), CRC (2 bytes). The chip always responds to a valid HLTB command
with the 3-byte sequence: 0x00, CRC_0 and CRC_1. The HLTB command is not valid if
the PICC is in the ACTIVE state (see ISO 14443-3 sections 7.4.7 and 7.12 for additional
information).
SlotMARKER Command
The SlotMARKER command provides a way for the reader to query those cards for
which the generated random number R is greater than 1. It is a 3-byte command, the
last two of which are the CRC bytes. The least significant nibble of the first byte is the
slot number, and if this matches the generated random number, then the ATQB
response is generated. The chip will truncate the slot number field to match the value of
N provided in the REQB command. The most significant nibble of this command is fixed
at 0xA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com