Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF020 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88RF020 Datasheet HTML 1Page - ATMEL Corporation AT88RF020 Datasheet HTML 2Page - ATMEL Corporation AT88RF020 Datasheet HTML 3Page - ATMEL Corporation AT88RF020 Datasheet HTML 4Page - ATMEL Corporation AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AT88RF020
2010C–RFID–2/06
Anticollision
Anticollision is implemented as per ISO 14443-3, Type B (see ISO 14443-3, sections 7.3
and 7.4). There are four primitive commands that support the anticollision scheme:
REQB/WUPB, SlotMARKER, ATTRIB and HLTB.
REQB/WUPB Command
This 5-byte command (see ISO 14443-3, section 7.7) is used for the PCD to probe the
field for PICCs or to wake up PICCs that are in the HALT state. The first byte must be a
fixed 0x05. This chip will respond only to values of 0x00 or 0x01 in the second (AFI)
byte. Bit 3 of the third byte is used to select between REQB and WUPB commands,
while Bits 0–2 are used to set N, which is used for the command response (ATQB). If
the PICC receives a WUPB command with an invalid AFI code, then it will remain in the
HALT state.
When the PICC receives one of these commands properly encoded, it will generate a
random number (R) of up to four bits, according to the value of N passed by the PCD
and specified in Table 13 of ISO 14443-3 and in Table 2 on page 4. If N = 1 or the ran-
dom number generator selects R = 1, then the PICC will send an ATQB and listen for
REQB/WUPB, ATTRIB and HLTB commands. Otherwise, it will wait for the Slot-
MARKER command that matches the value R selected by the random number
generator.
The response to both of these commands is an ATQB packet. This format is as speci-
fied in ISO 14443-3, section 7.9.1, with the following values:
ATTRIB Command
The ATTRIB command is used to select among all the chips that may have responded
to a given REQB/WUPB command. The chip will respond to ATTRIB commands from
11 to 16 bytes in length where the 2nd, 3rd, 4th and 5th bytes exactly match the PUPI
stored in the memory. If the chip responds to the ATTRIB command, it enters the
ACTIVE state where the data transfer commands described above will be honored.
Table 2. Command Codes
Binary Code (in cmd)
N
Size of R (in bits)
000
1
–
100
2
1
010
4
2
110
8
3
001
16
4
PUPI:
As stored in memory (unique serial number)
Application Data:
As stored in memory
Protocol Info:
0x00, 0x00, 0x41
(Bit_rate_capability: 106 Kbps only)
(Max_frame_size: 16)
(Protocol type: not compliant with 14443-4)
(FWI: Frame Waiting Time minimal, 4.8 ms)
(ADC: Application Data Coding is proprietary)
(FO: Only CID (Card Identifier) supported by PICC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com