Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF020 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88RF020 Datasheet HTML 1Page - ATMEL Corporation AT88RF020 Datasheet HTML 2Page - ATMEL Corporation AT88RF020 Datasheet HTML 3Page - ATMEL Corporation AT88RF020 Datasheet HTML 4Page - ATMEL Corporation AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
AT88RF020
2010C–RFID–2/06
All bits are sent to or read from the chip least significant bit first. Bit fields listed in this
document are listed with the LSB on the left and the MSB on the right. Multibyte informa-
tion is sent to the chip least significant byte first.
The first byte sent to the chip is stored in memory at the lowest address, and the internal
address is incremented for subsequent bytes. Information is read from the memory and
transmitted by the chip in exactly the same order in which it was written: the first bit writ-
ten is the first bit read.
This specification follows the nomenclature found within the ISO/IEC 14443 document.
Proximity Coupling Device (PCD) is the reader/writer, and Proximity Integrated Circuit
Card (PICC) is the tag/card. ETU refers to Elementary Time Unit, which is the time
required to transmit or receive one bit. One ETU is equal to 128 carrier cycles (9.439
µs). RFU refers to any feature, item, bit field or bit that is held as Reserved for Future
Use. When the reader/writer sends data to this device, RFU bits should always be “0”.
When this device sends data to the reader/writer, RFU bits are undefined.
Memory Map
The memory array within this device is organized as shown in Table 1.
Bytes marked “–” in Table 1 are user-defined and will be set to 0x00 upon shipment from
Atmel. The chip accesses these bytes using specific commands described later in this
document.
A total of 1904 bits (238 bytes) are available for user-defined purposes, including the
Reserved and Signature fields but excluding the PUPI, LockBits, Counter and Password
fields in the above memory map.
The fields named above are defined as follows:
Pseudo Unique PICC Identifier: This PUPI field is a unique serial number permanently
written into the device’s nonvolatile memory at the Atmel factory during wafer probe/test.
It cannot be modified and is guaranteed to be unique for all AT88RF020 devices. Cus-
tomers desiring serial numbers longer than 32 bits are expected to use other locations
within the memory, including the Reserved field within Page 1.
Application Data: This field is transmitted unmodified from the card to the reader/writer
as part of the ATQB command response.
Counter: This field is automatically incremented by the device whenever the COUNT
instruction is executed. It is factory set to the value of zero upon shipment from Atmel.
Table 1. Memory Map
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Page 0
Pseudo Unique PICC ID
LockBits
Page 1
Application Data
Reserved
Page 2
Signature
Counter
Page 3
Password
Page 4
————————
...
...
...
Page 31
————————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com