Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB029 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB029
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029 Datasheet(HTML) 1 Page - STMicroelectronics

  VB029 Datasheet HTML 1Page - STMicroelectronics VB029 Datasheet HTML 2Page - STMicroelectronics VB029 Datasheet HTML 3Page - STMicroelectronics VB029 Datasheet HTML 4Page - STMicroelectronics VB029 Datasheet HTML 5Page - STMicroelectronics VB029 Datasheet HTML 6Page - STMicroelectronics VB029 Datasheet HTML 7Page - STMicroelectronics VB029 Datasheet HTML 8Page - STMicroelectronics VB029 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 1999
1/10
®
VB029 / VB029SP
/ VB029(011Y) / VB029(012Y)
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
DRIVING CURRENT QUASI PROPORTIONAL
TO COLLECTOR CURRENT
s
DOUBLE FLAG-ON COIL CURRENT
s
DARLINGTON BASE ACCESSIBLE
DESCRIPTION
The
VB029,
VB029SP,
VB029(011Y)
VB029(012Y) are a high voltage power integrated
circuit designed in STMicroelectronics VIPower
™
technology, with vertical current flow power
darlington and logic level compatible driving
circuit. Built-in protection circuit for coil current
limiting and collector voltage clamping allows the
device to be used as smart, high voltage, high
current interface in advanced electronic ignition
system.
TYPE
Vcl
Icl
Id(on)
VB029
VB029SP
VB029(011Y)
VB029(012Y)
320V
12A
230mA
BLOCK DIAGRAM
PowerSO-10
™
1
10
GND
OVERTEMP.
DIAG 1
REFERENCE
PROTECTION
RSENSE
Vd
HVC
DIAG
INPUT
DIAG 2
QUASI PROP.
BASE CURRENT
+
-
+
-
Vbase
DRIVER
PENTAWATT HV (012Y)
ORDER CODES:
PowerSO-10
™
VB029SP
PENTAWATT HV (011Y)
VB029(011Y)
PENTAWATT HV
PENTAWATT HV (011Y)
PENTAWATT HV (012Y)
VB029(012Y)
PENTAWATT HV
VB029


Similar Part No. - VB029

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB024 STMICROELECTRONICS-VB024 Datasheet
110Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1993
VB025 STMICROELECTRONICS-VB025 Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
logo
List of Unclassifed Man...
VB02505EPL ETC1-VB02505EPL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
logo
STMicroelectronics
VB025BSP STMICROELECTRONICS-VB025BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
More results

Similar Description - VB029

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com