Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB029 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB029
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029 Datasheet(HTML) 2 Page - STMicroelectronics

  VB029 Datasheet HTML 1Page - STMicroelectronics VB029 Datasheet HTML 2Page - STMicroelectronics VB029 Datasheet HTML 3Page - STMicroelectronics VB029 Datasheet HTML 4Page - STMicroelectronics VB029 Datasheet HTML 5Page - STMicroelectronics VB029 Datasheet HTML 6Page - STMicroelectronics VB029 Datasheet HTML 7Page - STMicroelectronics VB029 Datasheet HTML 8Page - STMicroelectronics VB029 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
VB029 / VB029SP / VB029(011Y) / VB029(012Y)
1
ABSOLUTE MAXIMUM RATING
THERMAL DATA
CONNECTION DIAGRAM (TOP VIEW)
Symbol
Parameter
Value
Unit
HVc
Collector voltage
Internally limited
V
IC
Collector current
Internally limited
A
Vd
Driving stage supply voltage
7
V
Id
Driving circuitry supply current
230
mA
VIN
Input voltage
10
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
PowerSO-10
™
PENTAWATT HV
Rthj-case
Thermal resistance junction-case
(MAX)
1.12
1.12
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
62.5
62.5
°C/W
PIN FUNCTION (PowerSO-10
™)
(*) Pin 1
÷5=Power GND, Pin 7=signal GND. Pin 7 must be connected to pins 1÷5 externally.
PIN FUNCTION (PENTAWATT HV
)
No
Name
Function
1
÷5
GND
Emitter power ground
6
BASE
Darlington base
7(*)
GND
Control ground
8Vd
Driving stage supply voltage
9
INPUT
Logic input channel
10
DIAG
Diagnostic output signal
TAB
HVC
Primary coil output signal
No
Name
Function
1
GND
Emitter power ground
2Vd
Driving stage supply voltage
3HVC
Primary coil output signal
4
INPUT
Logic input channel
5
DIAG
Diagnostic output signal
1
2
3
4
5
6
7
8
9
10
11
GND
GND
GND
GND
GND
BASE
GND
Vd
INPUT
DIAG
HVC
5
4
3
2
1
HVC
GND
Vd
INPUT
DIAG
PowerSO-10
™
PENTAWATT HV
PENTAWATT HV (011Y)
PENTAWATT HV (012Y)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com