Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB029 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VB029
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029 Datasheet(HTML) 5 Page - STMicroelectronics

  VB029 Datasheet HTML 1Page - STMicroelectronics VB029 Datasheet HTML 2Page - STMicroelectronics VB029 Datasheet HTML 3Page - STMicroelectronics VB029 Datasheet HTML 4Page - STMicroelectronics VB029 Datasheet HTML 5Page - STMicroelectronics VB029 Datasheet HTML 6Page - STMicroelectronics VB029 Datasheet HTML 7Page - STMicroelectronics VB029 Datasheet HTML 8Page - STMicroelectronics VB029 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
VB029 / VB029SP / VB029(011Y) / VB029(012Y)
1
FIGURE 2: Switching waveform
FIGURE 3:
Maximum IC(diag1) VS temperature
FIGURE 5:
Typical Vcg(sat) VS temperature (Vd=4.5V)
FIGURE 4: IC(diag2) VS temperature
FIGURE 6:
Typical Icl VS temperature
1
VIN
2nd Threshold
1st Threshold
Icl
DIAG
1.4
1.3
1.5
1.6
Vcg(sat) (V)
-40
0
40
80
Tcase (°C)
120
9.5
8.5
10.5
11.5
Icl (A)
-40
0
40
80
Tcase (°C)
120



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com