Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB029 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB029
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029 Datasheet(HTML) 3 Page - STMicroelectronics

  VB029 Datasheet HTML 1Page - STMicroelectronics VB029 Datasheet HTML 2Page - STMicroelectronics VB029 Datasheet HTML 3Page - STMicroelectronics VB029 Datasheet HTML 4Page - STMicroelectronics VB029 Datasheet HTML 5Page - STMicroelectronics VB029 Datasheet HTML 6Page - STMicroelectronics VB029 Datasheet HTML 7Page - STMicroelectronics VB029 Datasheet HTML 8Page - STMicroelectronics VB029 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
VB029 / VB029SP / VB029(011Y) / VB029(012Y)
ELECTRICAL CHARACTERISTICS (VCC=13.5V; Vd=5V; Tj=25ºC; Rcoil=510mΩ; Lcoil=7mH unless otherwise
specified)
Note 1: the primary coil current value Icl must be measured 1ms after desaturation of the power stage.
Note 2: time from input switching VNEG until collector voltage equal to 200V.
(*) Vd -Vbe(on)
(**) This thermal flag shift cannot be activated for lower than 125
°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vcl
High voltage clamp
-40
°C≤T
j≤125°C; IC=6A
320
360
420
V
Vcg(sat)td
Power stage saturation
voltage derating in
temperature
IC=7.6A; VIN=4V; -40°C≤Tj≤80°C
IC=7.6A; VIN=4V; 80°C≤Tj≤125°C
2.5
2.8
V
V
Id(off)
Power-off supply current
VIN=0.4V
10
mA
Id(on)
Power-on supply current
VIN=4V; IC=7.6A; -40°C≤Tj≤125°C
230
mA
Vd
Driving stage supply
voltage
4.5
5.5
V
Icl
Collector current limit
VIN=4V; -40°C≤Tj≤125°C; (See note 1)
12
A
VINH
High level input voltage
4
5.5
V
VINL
Low level input voltage
0
0.8
V
IINH
High level input current
VIN=4V
200
µA
VdiagH
High level diagnostic
output voltage
REXT=22KΩ (See figure 1)
3.5
(*)
Vd
V
VdiagL
Low level diagnostic
output voltage
REXT=22KΩ (See figure 1)
0.5
V
IC(diag1)
First threshold level
collector current
2.15
2.5
2.85
A
IC(diag1)td
First threshold level
collector current drift with
temperature
(See figure 3)
IC(diag2)
Second threshold level
collector current
6.1
6.5
6.9
A
IC(diag2)td
Second threshold level
collector current drift with
temperature
(See figure 4)
td(off)
Turn-off delay time of
output current
IC=6A (See note 2)
25
µs
tf(off)
Turn-off fall time of output
current
IC=6A
8
µs
td(diag)
Delay time of diagnostic
current
REXT=22KΩ (See figure 1)
1
µs
tr(diag)
Turn-on rise time of
diagnostic current
REXT=22KΩ (See figure 1)
1
µs
tf(diag)
Turn-off fall time of
diagnostic current
REXT=22KΩ (See figure 1)
1
µs
∆I
th
Thermal flag shift on first
threshold
Tj>125°C (**)
1
A
Es/b
Single pulse avalanche
energy
300
mJ
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com