Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5825DM Datasheet(PDF) 7 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 7 Page - SIRENZA MICRODEVICES

Back Button ML5825DM Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 10Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 11Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
7
RF CONTROL & OTHERS
11
XCEN
I (CMOS)
Transceiver Enable Input. Enables the bandgap reference and voltage
regulators when high. Consumes only leakage current in STANDBY
mode when low. This is a CMOS input, and the thresholds are
referenced to VCCA and VSSMX.
7
2
VSSMX
VCCA
11
168
Ω
XCEN
10
TXON
I (CMOS)
TX/RX Control Input. Switches the transceiver between TRANSMIT and
RECEIVE modes. Circuits are powered up and signal paths reconfigured
according to the operating mode. This is a CMOS input, and the
thresholds are referenced to VCCA and VSSMX.
7
2
VSSMX
VCCA
10
168
Ω
TXON
5
RFISET
I (analog)
Connect to a 255
Ω +/-1% resistor to ground.
7
2
VSSMX
VCCA
5
RFISET
6
RXGN
I (CMOS)
Gain Step Input Control. Switches the receiver between high gain (when
HIGH) and low gain (when LOW). This dual-gain design allows the
system designer to achieve low noise figure for low input signals while
maintaining a good IIP3 under high input signal conditions. This is a
CMOS input, and the thresholds are referenced to VCCA and VSSMX.
7
2
VSSMX
VCCA
6
168
Ω
RXGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com