Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5825DM Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  ML5825DM Datasheet HTML 1Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 2Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
3
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied. Operating the device for any
length of time beyond the operating conditions may degrade device performance and/or shorten operating lifetime.
VCCA.......................................................................................................................................................................... 3.6 V
Maximum Receive RF Input Power.......................................................................................................................+13dBm
Maximum Transmit RF Input Power........................................................................................................................+3dBm
Junction Temperature............................................................................................................................................... 150°C
Storage Temperature Range ...................................................................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10s).......................................................................................................................... 260°C
Thermal Resistance (
θ
JA
) ........................................................................................................................................ 39°C/W
OPERATING CONDITIONS
Ambient Temperature Range ....................................................................................................................... -10°C to 60°C
VCCA Range ...................................................................................................................................................2.8V to 3.6V
Unless otherwise specified, VCCA=3.2V, TA=-10°C to +60°C, XCEN=VIH, PINRX=-40dBm, PINTX=-3dBm, PLL Loop Filter
Bandwidth=40 KHz, and gain control in either state.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VCCA
Analog supply voltage
2.8
3.2
3.6
V
ISTBY
Supply current, STANDBY mode
VCCA=3.6V, XCEN=VIL,
TXON= VIL OR VIH
10
μA
IRX
Supply current, RECEIVE mode
TXON= VIL
45
60
mA
ITX
Supply current, TRANSMIT mode
TXON= VIH RTXISET=7.5KΩ
RTXISET=5.5KΩ
95
100
110
115
mA
mA
SUPPLY REGULATION
VR27
Regulated Output Voltage
Pins 12, 19, 26
2.7
V
VR25
Regulated Output Voltage
Pin 17
2.5
V
VBG
Bandgap Voltage
Pins 18 & 25
1.25
V
SYNTHESIZER
fLO
Local Oscillator Frequency
FOUT = FIN+/- FLO
3342.336
MHz
IP
Charge Pump sink/source current
This is a function of VTUNE to
compensate for the change in KV
VTUNE =0.3V
VTUNE =1.2V
VTUNE =1.9V
0.49
0.90
0.60
0.38
0.71
mA
mA
mA
ΦN
Phase noise at driver output
fo=10KHz offset from fc
fo=1.2MHz offset from fc
400mVp-p sine wave reference
-65
-115
-110
dBc/Hz
dBc/Hz
KV
VCO Tuning sensitivity
100
230
350
MHz/V
FPULL
Frequency pulling
70
μs after PIN –50dBm to +12dBm
+/-20
KHz
FPTR
Frequency pulling TX to RX
and RX to TX
70
μs after transition
+/-20
KHz
FPUSH
Frequency pushing
Vary VCCA from 2.9V to 3.6V
<.5
MHz/V
tWAKE
Settling time from standby
XCEN=VIH, to within 10KHz
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com