Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5825DM Datasheet(PDF) 8 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 8 Page - SIRENZA MICRODEVICES

Back Button ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 10Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 11Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 12Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
8
13
QPO
O (analog)
Charge Pump Output. This output is connected to the external PLL loop
filter. Sources current when the LO frequency is lower than desired.
12
14
VSSPLL
VREG1
13
QPO
9.2
Ω
16
VTUNE
I (analog)
VCO Tuning Voltage. This input from the PLL loop filter determines the
output frequency and is very sensitive to noise coupling and leakage
currents.
19
15
VSSLO
VREG3
16
VTUNE
17
VREG2
10
Ω
22
TXISET
I (analog)
A resistor between this pin and ground establishes the PA output power
compression point by setting a bias current.
7
2
VSSMX
VCCA
22
TXISET
24
VTXB
522
Ω
8
FREF
I (analog)
Input Reference Frequency. Depending on the state of the REFSEL pin
this input is divided by 3 or 4 to generate the PLL reference frequency.
7
2
VSSMX
VCCA
8
FREF
12
14
VSSPLL
VREG1
9
REFSEL
I (CMOS)
Reference Divider Control. If REFSEL is HIGH, FREF is divided by 4,
otherwise FREF is divided by 3. This is a CMOS input, and the
thresholds are referenced to VCCA and VSSMX.
7
2
VSSMX
VCCA
9
168
Ω
REFSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com