Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5825DM Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  ML5825DM Datasheet HTML 1Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 2Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ML5825
2.4GHz to 5.8GHz Frequency Translator
ADVANCED Datasheet
SEPTEMBER 2007
EDS-106038 REV A01
GENERAL DESCRIPTION
The ML5825 is a high integration 2.4GHz - 5.8GHz
frequency translator (transverter). It upconverts 2.4GHz
signals to 5.8GHz and downconverts received 5.8GHz
signals to 2.4GHz. Transmit and receive utilize the
same low noise fixed local oscillator (LO). It is intended
to be used in conjunction with a 2.4GHz transceiver-
based solution to quickly and easily develop a 5.8GHz
solution while fully leveraging previous development.
The ML5825 receive chain contains a Low Noise
Amplifier (LNA), bandpass filter and image reject down
conversion mixer. A digitally controlled 18dB gain step
in the receive chain provides an innovative solution for
optimizing IIP3 (low gain mode) and Noise Figure (high
gain mode). On the transmit side, the ML5825 buffers
and upconverts a differential 2.4GHz signal to 5.8GHz,
where it is filtered and amplified.
The ML5825’s PLL accepts two industry-standard input
clock frequencies. The ML5825’s low STANDBY MODE
current maximizes battery life. Power supply regulation
is included in the ML5825, providing circuit isolation
and consistent performance over supply voltages
between 2.8V-3.6V.
PIN CONFIGURATION
TXISET
TXIN
TXIP
VREG3
VBG2
VREG2
VTUNE
VSSLO
VMIX
VSSMX
RXON
RXOP
RFISET
RXGN
VCCA
FREF
* GROUND/RETURN ON EXPOSED PADDLE
PIN 1
*
ORDERING INFORMATION
PART NUMBER TEMP RANGE
PACKAGE
PACK (QTY)
ML5825DM
-10
oC to +60oC 28QFN 4x5x0.9 mm Antistatic Tray (490)
ML5825DM-T
-10
oC to +60oC 28QFN 4x5x0.9 mm Tape & Reel (2500)
FEATURES
High Integration 2.4GHz to 5.8GHz Transverter
Receive LNA, Image Reject Filter & Mixer
Transmit Pre-Driver, Filters & Mixers
Fully Integrated PLL-Based Synthesizer
Selectable Receive Gain Optimizes NF and IIP3
Interfaces Directly with Many 2.4GHz Transceivers
4dB (typ. High Gain Mode) Noise Figure
-14dBm Input IP3 (Low Gain Mode)
Selectable Transmit Output Power
10
μA Standby Mode
Space-saving 28 pin QFN package
APPLICATIONS
5.8GHz Digital Cordless Telephones
5.8GHz Streaming Audio & Video
Upconverted 2.4GHz Standards
o
Bluetooth
o
Zigbee/802.15.4
BLOCK DIAGRAM
FREF
TXO
TX Subsystem
RXI
RX Subsystem
RXON, RXOP
TXIN, TXIP
REFSEL
TXON
XCEN
Control
Logic
QPO VTUNE
2383-2508 MHz
5725-5850 MHz
2383-2508 MHz
5725-5850 MHz
GAIN
CONTROL
RXGN
TXISET
2
2
PLL
Supply
Regulation
& Voltage
Reference
VCCA
VBG1
VBG2
VREGn
RFISET
Top View


Similar Part No. - ML5825DM

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM MICRO-LINEAR-ML5824EM Datasheet
254Kb / 12P
ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM-T MICRO-LINEAR-ML5824EM-T Datasheet
254Kb / 12P
ML5824 2.4GHz to 5.8GHz Frequency Translator
More results

Similar Description - ML5825DM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
ML5824 2.4GHz to 5.8GHz Frequency Translator
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
logo
Taoglas antenna solutio...
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
logo
WALSIN TECHNOLOGY CORPO...
TFCPL0605B24508Q1C WALSIN-TFCPL0605B24508Q1C Datasheet
648Kb / 8P
2.4GHz Band Frequency
logo
TE Connectivity Ltd
951-001-XXX TEC-951-001-XXX Datasheet
821Kb / 2P
WLAN (2.4GHz/5.8GHz) Screw Antenna
951-003-XXX TEC-951-003-XXX Datasheet
819Kb / 2P
GNSS (GPS/GLONASS)/ WLAN (2.4GHz/5.8GHz) Screw Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com