Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT26DF321 Datasheet HTML 8Page - ATMEL Corporation AT26DF321 Datasheet HTML 9Page - ATMEL Corporation AT26DF321 Datasheet HTML 10Page - ATMEL Corporation AT26DF321 Datasheet HTML 11Page - ATMEL Corporation AT26DF321 Datasheet HTML 12Page - ATMEL Corporation AT26DF321 Datasheet HTML 13Page - ATMEL Corporation AT26DF321 Datasheet HTML 14Page - ATMEL Corporation AT26DF321 Datasheet HTML 15Page - ATMEL Corporation AT26DF321 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
3633E–DFLASH–10/07
AT26DF321
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Reg-
ister to the logical “0” state. With the WEL bit reset, all program, erase, Protect Sector, Unprotect
Sector, and Write Status Register commands will not be executed. The Write Disable command
is also used to exit the Sequential Program Mode. Other conditions can also cause the WEL bit
to be reset; for more details, refer to the WEL bit section of the Status Register description on
page 20.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h
must be clocked into the device. No address bytes need to be clocked into the device, and any
data clocked in after the opcode will be ignored. When the CS pin is deasserted, the WEL bit in
the Status Register will be reset to a logical “0”. The complete opcode must be clocked into the
device before the CS pin is deasserted; otherwise, the device will abort the operation and the
state of the WEL bit will not change.
Figure 9-2.
Write Disable
9.3
Protect Sector
Every physical sector of the device has a corresponding single-bit Sector Protection Register
that is used to control the software protection of a sector. Upon device power-up or after a
device reset, each Sector Protection Register will default to the logical “1” state indicating that all
sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding
Sector Protection Register to the logical “1” state. The following table outlines the two states of
the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. To issue the Protect
Sector command, the CS pin must first be asserted and the opcode of 36h must be clocked into
the device followed by three address bytes designating any address within the sector to be
locked. Any additional data clocked into the device will be ignored. When the CS pin is deas-
serted, the Sector Protection Register corresponding to the physical sector addressed by A23-
A0 will be set to the logical “1” state, and the sector itself will then be protected from program
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE
Table 9-1.
Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com