Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT26DF321 Datasheet HTML 16Page - ATMEL Corporation AT26DF321 Datasheet HTML 17Page - ATMEL Corporation AT26DF321 Datasheet HTML 18Page - ATMEL Corporation AT26DF321 Datasheet HTML 19Page - ATMEL Corporation AT26DF321 Datasheet HTML 20Page - ATMEL Corporation AT26DF321 Datasheet HTML 21Page - ATMEL Corporation AT26DF321 Datasheet HTML 22Page - ATMEL Corporation AT26DF321 Datasheet HTML 23Page - ATMEL Corporation AT26DF321 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
3633E–DFLASH–10/07
AT26DF321
10.1.1
SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not.
When the SPRL bit is in the logical “1” state, all Sector Protection Registers are locked and can-
not be modified with the Protect Sector and Unprotect Sector commands (the device will ignore
these commands). In addition, the Global Protect and Global Unprotect features cannot be per-
formed. Any sectors that are presently protected will remain protected, and any sectors that are
presently unprotected will remain unprotected.
When the SPRL bit is in the logical “0” state, all Sector Protection Registers are unlocked and
can be modified (the Protect Sector and Unprotect Sector commands, as well as the Global Pro-
tect and Global Unprotect features, will be processed as normal). The SPRL bit defaults to the
logical “0” state after a power-up or a device reset.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin
is asserted, then the SPRL bit may only be changed from a logical “0” (Sector Protection Regis-
ters are unlocked) to a logical “1” (Sector Protection Registers are locked). In order to reset the
SPRL bit back to a logical “0” using the Write Status Register command, the WP pin will have to
first be deasserted.
The SPRL bit is the only bit of the Status Register that can be user modified via the Write Status
Register command.
10.1.2
WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
10.1.3
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or
not. If at least one byte during the erase or program operation did not erase or program properly,
then the EPE bit will be set to the logical “1” state. The EPE bit will not be set if an erase or pro-
gram operation aborts for any reason such as an attempt to erase or program a protected region
or if the WEL bit is not set prior to an erase or program operation. The EPE bit will be updated
after every erase and program operation.
10.1.4
SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three
possible combinations of the SWP bits that indicate whether none, some, or all of the sectors
have been protected using the Protect Sector command or the Global Protect feature. If the
SWP bits indicate that some of the sectors have been protected, then the individual Sector Pro-
tection Registers can be read with the Read Sector Protection Registers command to determine
which sectors are in fact protected.
10.1.5
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is
in the logical “0” state, the device will not accept any program, erase, Protect Sector, Unprotect
Sector, or Write Status Register commands. The WEL bit defaults to the logical “0” state after a
device power-up or reset. In addition, the WEL bit will be reset to the logical “0” state automati-
cally under the following conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com