Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT26DF321 Datasheet HTML 11Page - ATMEL Corporation AT26DF321 Datasheet HTML 12Page - ATMEL Corporation AT26DF321 Datasheet HTML 13Page - ATMEL Corporation AT26DF321 Datasheet HTML 14Page - ATMEL Corporation AT26DF321 Datasheet HTML 15Page - ATMEL Corporation AT26DF321 Datasheet HTML 16Page - ATMEL Corporation AT26DF321 Datasheet HTML 17Page - ATMEL Corporation AT26DF321 Datasheet HTML 18Page - ATMEL Corporation AT26DF321 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15
3633E–DFLASH–10/07
AT26DF321
Essentially, if the SPRL bit of the Status Register is in the logical “0” state (Sector Protection
Registers are not locked), then writing a 00h to the Status Register will perform a Global Unpro-
tect without changing the state of the SPRL bit. Similarly, writing a 7Fh to the Status Register will
perform a Global Protect and keep the SPRL bit in the logical “0” state. The SPRL bit can, of
course, be changed to a logical “1” by writing an FFh if software-locking or hardware-locking is
desired along with the Global Protect.
Table 9-2.
Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New
Write Status
Register Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0
00
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
↕
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
↕
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
0
1
x x x x x x x x
No change to the current protection level. All sectors currently
protected will remain protected and all sectors currently unprotected
will remain unprotected.
The Sector Protection Registers are hard-locked and cannot be
changed when the WP pin is LOW and the current state of SPRL is 1.
Therefore, a Global Protect/Unprotect will not occur. In addition, the
SPRL bit cannot be changed (the WP pin must be HIGH in order to
change SPRL back to a 0).
10
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
↕
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
↕
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
11
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
↕
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
↕
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
No change to the current protection level. All sectors
currently protected will remain protected, and all sectors
currently unprotected will remain unprotected.
The Sector Protection Registers are soft-locked and cannot
be changed when the current state of SPRL is 1. Therefore,
a Global Protect/Unprotect will not occur. However, the
SPRL bit can be changed back to a 0 from a 1 since the WP
pin is HIGH. To perform a Global Protect/Unprotect, the
Write Status Register command must be issued again after
the SPRL bit has been changed from a 1 to a 0.
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com