Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT26DF321 Datasheet HTML 22Page - ATMEL Corporation AT26DF321 Datasheet HTML 23Page - ATMEL Corporation AT26DF321 Datasheet HTML 24Page - ATMEL Corporation AT26DF321 Datasheet HTML 25Page - ATMEL Corporation AT26DF321 Datasheet HTML 26Page - ATMEL Corporation AT26DF321 Datasheet HTML 27Page - ATMEL Corporation AT26DF321 Datasheet HTML 28Page - ATMEL Corporation AT26DF321 Datasheet HTML 29Page - ATMEL Corporation AT26DF321 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
3633E–DFLASH–10/07
AT26DF321
12. Electrical Specifications
12.1
Absolute Maximum Ratings*
Temperature Under Bias................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground .....................................-0.6V to +4.1V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.5V
12.2
DC and AC Operating Range
AT26DF321
Operating Temperature (Case)
Ind.
-40
°C to +85°C
VCC Power Supply
2.7V to 3.6V
12.3
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP = VCC,
all inputs at CMOS levels
25
35
µA
I
DPD
Deep Power-Down Current
CS, WP = VCC,
all inputs at CMOS levels
48
µA
I
CC1
Active Current, Read Operation
f = 66 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
11
15
mA
f = 50 MHz; IOUT = 0 mA,
CS = V
IL, VCC = Max
10
14
f = 33 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
812
f = 20 MHz, IOUT = 0 mA,
CS = V
IL, VCC = Max
710
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
12
18
mA
I
CC3
Active Current, Erase Operation
CS = VCC, VCC = Max
14
20
mA
I
LI
Input Leakage Current
V
IN = CMOS levels
1
µA
ILO
Output Leakage Current
VOUT = CMOS levels
1
µA
V
IL
Input Low Voltage
0.3 x V
CC
V
V
IH
Input High Voltage
0.7 x V
CC
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = Min
0.4
V
V
OH
Output High Voltage
I
OH = -100 µA
V
CC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com