Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB321D Datasheet HTML 6Page - ATMEL Corporation AT45DB321D Datasheet HTML 7Page - ATMEL Corporation AT45DB321D Datasheet HTML 8Page - ATMEL Corporation AT45DB321D Datasheet HTML 9Page - ATMEL Corporation AT45DB321D Datasheet HTML 10Page - ATMEL Corporation AT45DB321D Datasheet HTML 11Page - ATMEL Corporation AT45DB321D Datasheet HTML 12Page - ATMEL Corporation AT45DB321D Datasheet HTML 13Page - ATMEL Corporation AT45DB321D Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
3597J–DFLASH–4/08
AT45DB321D
7.6
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
There are 64 sectors and only one sector can be erased at one time. To perform sector 0a or
sector 0b erase for the DataFlash standard page size (528 bytes), an opcode of 7CH must be
loaded into the device, followed by three address bytes comprised of 1 don’t care bit, 10 page
address bits (PA12 - PA3) and 13 don’t care bits. To perform a sector 1-63 erase, the opcode
7CH must be loaded into the device, followed by three address bytes comprised of 1 don’t
care bit, 4 page address bits (PA12 - PA9) and 19 don’t care bits. To perform sector 0a or sector
0b erase for the binary page size (512 bytes), an opcode of 7CH must be loaded into the
device, followed by three address bytes comprised of 2 don’t care bit and 10 page address bits
(A21 - A12) and 12 don’t care bits. To perform a sector 1-63 erase, the opcode 7CH must be
loaded into the device, followed by three address bytes comprised of 2 don’t care bits and
4 page address bits (A21 - A18) and 18 don’t care bits. The page address bits are used to spec-
ify any valid address location within the sector which is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the selected sector. The erase operation is
internally self-timed and should take place in a maximum time of t
SE. During this time, the status
register and the RDY/BUSY pin will indicate that the part is busy.
7.7
Chip Erase(1)
The entire main memory can be erased at one time by using the Chip Erase command.
To execute the Chip Erase command, a 4-byte command sequence C7H, 94H, 80H and 9AH
must be clocked into the device. Since the entire memory array is to be erased, no address
bytes need to be clocked into the device, and any data clocked in after the opcode will be
ignored. After the last bit of the opcode sequence has been clocked in, the CS pin can be deas-
serted to start the erase process. The erase operation is internally self-timed and should take
place in a time of t
CE. During this time, the Status Register will indicate that the device is busy.
The Chip Erase command will not affect sectors that are protected or locked down; the contents
of those sectors will remain unchanged. Only those sectors that are not protected or locked
down will be erased.
Note:
1. Refer to the errata regarding Chip Erase on page 53.
Table 7-2.
Sector Erase Addressing
PA12/
A21
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Sector
00
00000
000
X
X
X
0a
00
00000
001
X
X
X
0b
00
0001
XXXX
XXX
1
00
0010
XXXX
XXX
2
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
11
1100
XXXX
XXX
60
11
1101
XXXX
XXX
61
11
1110
XXXX
XXX
62
11
1111
XXXX
XXX
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com