Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB321D Datasheet HTML 24Page - ATMEL Corporation AT45DB321D Datasheet HTML 25Page - ATMEL Corporation AT45DB321D Datasheet HTML 26Page - ATMEL Corporation AT45DB321D Datasheet HTML 27Page - ATMEL Corporation AT45DB321D Datasheet HTML 28Page - ATMEL Corporation AT45DB321D Datasheet HTML 29Page - ATMEL Corporation AT45DB321D Datasheet HTML 30Page - ATMEL Corporation AT45DB321D Datasheet HTML 31Page - ATMEL Corporation AT45DB321D Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
28
3597J–DFLASH–4/08
AT45DB321D
Group D commands consist of:
1.
Erase Sector Protection Register
2.
Program Sector Protection Register
3.
Sector Lockdown
4.
Program Security Register
If a Group A command is in progress (not fully completed), then another command in Group A,
B, C, or D should not be started. However, during the internally self-timed portion of Group B
commands, any command in Group C can be executed. The Group B commands using buffer 1
should use Group C commands using buffer 2 and vice versa. Finally, during the internally self-
timed portion of a Group D command, only the Status Register Read command should be
executed.
15. Command Tables
Table 15-1.
Read Commands
Command
Opcode
Main Memory Page Read
D2H
Continuous Array Read (Legacy Command)
E8H
Continuous Array Read (Low Frequency)
03H
Continuous Array Read (High Frequency)
0BH
Buffer 1 Read (Low Frequency)
D1H
Buffer 2 Read (Low Frequency)
D3H
Buffer 1 Read
D4H
Buffer 2 Read
D6H
Table 15-2.
Program and Erase Commands
Command
Opcode
Buffer 1 Write
84H
Buffer 2 Write
87H
Buffer 1 to Main Memory Page Program with Built-in Erase
83H
Buffer 2 to Main Memory Page Program with Built-in Erase
86H
Buffer 1 to Main Memory Page Program without Built-in Erase
88H
Buffer 2 to Main Memory Page Program without Built-in Erase
89H
Page Erase
81H
Block Erase
50H
Sector Erase
7CH
Chip Erase
C7H, 94H, 80H, 9AH
Main Memory Page Program Through Buffer 1
82H
Main Memory Page Program Through Buffer 2
85H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com