Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT45DB321D Datasheet HTML 30Page - ATMEL Corporation AT45DB321D Datasheet HTML 31Page - ATMEL Corporation AT45DB321D Datasheet HTML 32Page - ATMEL Corporation AT45DB321D Datasheet HTML 33Page - ATMEL Corporation AT45DB321D Datasheet HTML 34Page - ATMEL Corporation AT45DB321D Datasheet HTML 35Page - ATMEL Corporation AT45DB321D Datasheet HTML 36Page - ATMEL Corporation AT45DB321D Datasheet HTML 37Page - ATMEL Corporation AT45DB321D Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
34
3597J–DFLASH–4/08
AT45DB321D
Table 18-4.
AC Characteristics – RapidS/Serial Interface
Symbol
Parameter
AT45DB321D
Min
Typ
Max
Units
f
SCK
SCK Frequency
66
MHz
f
CAR1
SCK Frequency for Continuous Array Read
66
MHz
fCAR2
SCK Frequency for Continuous Array Read
(Low Frequency)
33
MHz
tWH
SCK High Time
6.8
ns
tWL
SCK Low Time
6.8
ns
t
SCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tSCKF
(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCS
Minimum CS High Time
50
ns
t
CSS
CS Setup Time
5
ns
tCSH
CS Hold Time
5
ns
tCSB
CS High to RDY/BUSY Low
100
ns
t
SU
Data In Setup Time
2
ns
tH
Data In Hold Time
3
ns
tHO
Output Hold Time
0
ns
t
DIS
Output Disable Time
6
ns
tV
Output Valid
6ns
t
WPE
WP Low to Protection Enabled
1
µs
t
WPD
WP High to Protection Disabled
1
µs
tEDPD
CS High to Deep Power-down Mode
3
µs
t
RDPD
CS High to Standby Mode
35
µs
t
XFR
Page to Buffer Transfer Time
200
µs
tcomp
Page to Buffer Compare Time
200
µs
t
EP
Page Erase and Programming Time (512/528 bytes)
17
40
ms
t
P
Page Programming Time (512/528 bytes)
3
6
ms
tPE
Page Erase Time (512/528 bytes)
15
35
ms
t
BE
Block Erase Time (4,096/4,224 bytes)
45
100
ms
t
CE
Chip Erase Time
TBD
TBD
s
tSE
Sector Erase Time (262,144/270,336 bytes)
1.6
5
s
t
RST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com