Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB321D Datasheet HTML 26Page - ATMEL Corporation AT45DB321D Datasheet HTML 27Page - ATMEL Corporation AT45DB321D Datasheet HTML 28Page - ATMEL Corporation AT45DB321D Datasheet HTML 29Page - ATMEL Corporation AT45DB321D Datasheet HTML 30Page - ATMEL Corporation AT45DB321D Datasheet HTML 31Page - ATMEL Corporation AT45DB321D Datasheet HTML 32Page - ATMEL Corporation AT45DB321D Datasheet HTML 33Page - ATMEL Corporation AT45DB321D Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
30
3597J–DFLASH–4/08
AT45DB321D
Notes:
x = Don’t Care
Table 15-6.
Detailed Bit-level Addressing Sequence for Binary Page Size (512 Bytes)
Page Size = 512 bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Opcode
Opcode
03h
0000
001
1
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
N/A
0Bh
0000
101
1
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
1
50h
0101
000
0
x
x
AAAA
A
A
AA
AA
x
x
x
x
x
x
xxxx
x
x
N/A
53h
0101
001
1
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
55h
0101
010
1
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
58h
0101
100
0
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
59h
0101
100
1
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
60h
0110
000
0
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
61h
0110
000
1
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
77h
0111
011
1
x
x
x
xxxx
x
x
x
xxxx
x
x
xx
xxxx
x
x
N/A
7Ch
0111
110
0
x
x
AAAA
x
x
x
x
xxxx
x
x
xx
xxxx
x
x
N/A
81h
1000
000
1
x
x
AAAA
A
A
AA
AAAA
A
X
x
x
xxxx
x
x
N/A
82h
1000
001
0
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
N/A
83h
1000
001
1
x
x
AAAA
A
A
AA
AAAA
A
X
x
x
xxxx
x
x
N/A
84h
1000
010
0
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
N/A
85h
1000
010
1
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
N/A
86h
1000
011
0
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
87h
1000
011
1
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
N/A
88h
1000
100
0
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
89h
1000
100
1
x
x
AAAA
A
A
AA
AAAA
A
x
x
x
xxxx
x
x
N/A
9Fh
1001
111
1
N/A
N/A
N/A
N/A
B9h
1011
100
1
N/A
N/A
N/A
N/A
ABh
1010
101
1
N/A
N/A
N/A
N/A
D1h
1101
000
1
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
N/A
D2h
1101
001
0
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
4
D3h
1101
001
1
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
N/A
D4h
1101
010
0
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
1
D6h
1101
011
0
x
x
x
xxxx
x
x
x
xxxx
x
A
A
AAAA
AA
A
1
D7h
1101
011
1
N/A
N/A
N/A
N/A
E8h
1110
100
0
x
x
AAAA
A
A
AA
AAAA
A
A
A
AAAA
AA
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com