Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4F Datasheet(PDF) 1 Page - Semtech Corporation

Part # S4F
Description  RECTIFIER, up to 1kV, 2A, 150-500ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

S4F Datasheet(HTML) 1 Page - Semtech Corporation

  S4F Datasheet HTML 1Page - Semtech Corporation S4F Datasheet HTML 2Page - Semtech Corporation S4F Datasheet HTML 3Page - Semtech Corporation S4F Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 1kV, 2A,
150-500ns
1N5615 thru 1N5623
S2F thru S0F
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - S4F

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
Toshiba Semiconductor
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
PANEL CIRCUIT INDICATOR
S4F42Z1 TOSHIBA-S4F42Z1 Datasheet
313Kb / 8P
PANEL CIRCUIT INDICATOR
S4F43Q1 TOSHIBA-S4F43Q1 Datasheet
349Kb / 9P
PANEL CIRCUIT INDICATOR
S4F43Z1 TOSHIBA-S4F43Z1 Datasheet
349Kb / 9P
PANEL CIRCUIT INDICATOR
More results

Similar Description - S4F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
3PFR0 SEMTECH-3PFR0 Datasheet
149Kb / 4P
RECTIFIER, 1kV, 2.7A, 150ns
3SFR0 SEMTECH-3SFR0 Datasheet
178Kb / 4P
RECTIFIER, 1kV, 3.25A, 150ns
SFR0 SEMTECH-SFR0 Datasheet
175Kb / 4P
RECTIFIER, 1kV, 1.6A, 150ns
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
Reversible motor drivers (up to 2A series)
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
Standard Rectifier (trr more than 500ns)
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
logo
AIMTEC
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
up to 2A | AC-DC LED driver
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
Half-bridge voltage up to 1kV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com