Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN750S Datasheet HTML 5Page - STMicroelectronics VN750S Datasheet HTML 6Page - STMicroelectronics VN750S Datasheet HTML 7Page - STMicroelectronics VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics VN750S Datasheet HTML 10Page - STMicroelectronics VN750S Datasheet HTML 11Page - STMicroelectronics VN750S Datasheet HTML 12Page - STMicroelectronics VN750S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
VN750 / VN750S / VN750-B5
Off State Output Current
Input Clamp Voltage
Status Low Output Voltage
High Level Input Current
Status Leakage Current
Status Clamp Voltage
1
IL(off1) (
µA)
0
25
50
75
100
125
150
-2 5
-50
0.0
0.5
1.0
1.5
2.0
2.5
-0.5
-1.0
Off state
Vcc=36V
VIN=VOUT=0V
Tc (
°C)
0
25
50
75
100
125
150
-25
-50
Tc(
°C)
0
1
2
3
4
5
6
7
8
9
10
11
IIH(
µA)
VIN=3.25V
0
25
50
75
100
125
150
-25
-50
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0.550
Tc(
°C)
Istat=1.6mA
VSTAT (V)
0
25
50
75
100
125
150
-25
-50
0.000
0.050
0.100
0.150
0.200
0.250
-0.050
-0.100
Tc(
°C)
ILSTAT (
µA)
Vstat=5V
0
25
50
75
100
125
150
-25
-50
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VICL (V)
IIN=1mA
Tc(
°C)
0
25
50
75
100
125
150
-25
-50
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
Tc(
°C)
Istat=1mA
VSCL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com