Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 3 Page - STMicroelectronics

  VN750S Datasheet HTML 1Page - STMicroelectronics VN750S Datasheet HTML 2Page - STMicroelectronics VN750S Datasheet HTML 3Page - STMicroelectronics VN750S Datasheet HTML 4Page - STMicroelectronics VN750S Datasheet HTML 5Page - STMicroelectronics VN750S Datasheet HTML 6Page - STMicroelectronics VN750S Datasheet HTML 7Page - STMicroelectronics VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
VN750 / VN750S / VN750-B5
THERMAL DATA
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C unless otherwise specified)
POWER
SWITCHING (VCC=13V)
INPUT PIN
(*) See curves at pages 9, 10, 11
Symbol
Parameter
Value
Unit
S0-8
PENTAWATT
P2PAK
Rthj-pins
Thermal Resistance Junction-pins
Max
40
-
-
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
120
60
60
°C/W
Rthj-case
Thermal Resistance Junction-case
Max
-3
3
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Supply Voltage
5.5
13
36
V
VUSD
Under Voltage Shut-down
3
4
5.5
V
VUSDhyst
Under Voltage Shut-down
Hysteresis
0.5
V
VOV
Overvoltage Shut-down
36
(*)
48
V
RON
On State Resistance
IOUT=2A; Tj=25°C; VCC>8V
IOUT=2A; VCC>8V
(*)
60
120
m
Ω
m
Ω
IS
Supply Current
Off State; VCC=13V
On State; VCC=13V
10
2
25
3.5
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
(*)
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=6.5Ω from VIN rising edge to
VOUT=1.3V
40
µs
td(off)
Turn-off Delay Time
RL=6.5Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/
dt(on)
Turn-on Voltage Slope
RL=6.5Ω from VOUT=1.3V to
VOUT=10.4V
(*)
V/
µs
dVOUT/
dt(off)
Turn-off Voltage Slope
RL=6.5Ω from VOUT=11.7V to
VOUT=1.3V
(*)
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
(*)
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
(*)
µA
VIH
Input High Level
3.25
(*)
V
IIH
High Level Input Current
VIN=3.25V
(*)
10
µA
Vhyst
Input Hysteresis Voltage
0.5
(*)
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
6.5
(*)
-0.7
8.5
V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com