Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 2 Page - STMicroelectronics

  VN750S Datasheet HTML 1Page - STMicroelectronics VN750S Datasheet HTML 2Page - STMicroelectronics VN750S Datasheet HTML 3Page - STMicroelectronics VN750S Datasheet HTML 4Page - STMicroelectronics VN750S Datasheet HTML 5Page - STMicroelectronics VN750S Datasheet HTML 6Page - STMicroelectronics VN750S Datasheet HTML 7Page - STMicroelectronics VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
VN750 / VN750S / VN750-B5
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
Symbol
Parameter
Value
Unit
SO-8
PENTAWATT
P2PAK
VCC
DC Supply Voltage
41
V
-VCC
Reverse DC Supply Voltage
- 0.3
V
-Ignd
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
-IOUT
Reverse DC Output Current
- 6
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge (R=1.5K
Ω; C=100pF)
2000
V
Ptot
Power Dissipation TC=25°C
3.1
42
42
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
INPUT
ICC
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
1
CURRENT AND VOLTAGE CONVENTIONS
SO-8
PENTAWATT
OUTPUT
STATUS
V
CC
INPUT
GND
VCC
VCC
OUTPUT
OUTPUT
N.C.
GND
STATUS
INPUT
1
4
5
8
5
4
3
2
1
P2PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com