Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 4 Page - STMicroelectronics

  VN750S Datasheet HTML 1Page - STMicroelectronics VN750S Datasheet HTML 2Page - STMicroelectronics VN750S Datasheet HTML 3Page - STMicroelectronics VN750S Datasheet HTML 4Page - STMicroelectronics VN750S Datasheet HTML 5Page - STMicroelectronics VN750S Datasheet HTML 6Page - STMicroelectronics VN750S Datasheet HTML 7Page - STMicroelectronics VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
VN750 / VN750S / VN750-B5
2
ELECTRICAL CHARACTERISTICS (continued)
STATUS PIN
PROTECTIONS
OPENLOAD DETECTION
(*) See curves at pages 9, 10, 11
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT=1.6mA
(*)
0.5
V
ILSTAT
Status Leakage Current
Normal Operation VSTAT=5V
(*)
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation VSTAT=5V
100
pF
VSCL
Status Clamp Voltage
ISTAT=1mA
ISTAT=-1mA
6.5
(*)
-0.7
8.5
V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
tSDL
Status delay in overload
condition
Tj>Tjsh
20
µs
Ilim
Current limitation
9V<VCC<36V
5V<VCC<36V
69
15
15
A
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=2A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Openload ON State
Detection Threshold
VIN=5V
50
(*)
200
mA
tDOL(on)
Openload ON State
Detection Delay
IOUT=0A
200
µs
VOL
Openload OFF State
Voltage Detection
Threshold
VIN=0V
1.5
(*)
3.5
V
tDOL(off)
Openload Detection Delay
at Turn Off
1000
µs
1
VIN
VSTAT
tDOL(off)
OPEN LOAD STATUS TIMING (with external pull-up)
OVER TEMP STATUS TIMING
IOUT<IOL
VOUT >VOL
tDOL(on)
Tj >Tjsh
VIN
VSTAT
tSDL
tSDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com