Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF3.3.TC Datasheet(PDF) 4 Page - Semtech Corporation

Part # SMF3.3.TC
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF3.3.TC Datasheet(HTML) 4 Page - Semtech Corporation

  SMF3.3.TC Datasheet HTML 1Page - Semtech Corporation SMF3.3.TC Datasheet HTML 2Page - Semtech Corporation SMF3.3.TC Datasheet HTML 3Page - Semtech Corporation SMF3.3.TC Datasheet HTML 4Page - Semtech Corporation SMF3.3.TC Datasheet HTML 5Page - Semtech Corporation SMF3.3.TC Datasheet HTML 6Page - Semtech Corporation SMF3.3.TC Datasheet HTML 7Page - Semtech Corporation SMF3.3.TC Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
 2008 Semtech Corp.
www.semtech.com
SMF3.3
PROTECTION PRODUCTS
Typical Characteristics
Analog Crosstalk (I/O to I/O)
Insertion Loss S21, I/O to I/O
CH1 S21 LOG
3 dB/ REF 0 dB
START. 030 MHz
3
STOP 000.000000 MHz
START. 030 MHz
3
STOP 000.000000 MHz
CH1 S21 LOG
3 dB/ REF 0 dB
Insertion Loss S21, I/O to Ground
CH1 S21 LOG
20 dB/ REF 0 dB
START. 030 MHz
3
STOP 000.000000 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com