Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF3.3.TC Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMF3.3.TC
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF3.3.TC Datasheet(HTML) 1 Page - Semtech Corporation

  SMF3.3.TC Datasheet HTML 1Page - Semtech Corporation SMF3.3.TC Datasheet HTML 2Page - Semtech Corporation SMF3.3.TC Datasheet HTML 3Page - Semtech Corporation SMF3.3.TC Datasheet HTML 4Page - Semtech Corporation SMF3.3.TC Datasheet HTML 5Page - Semtech Corporation SMF3.3.TC Datasheet HTML 6Page - Semtech Corporation SMF3.3.TC Datasheet HTML 7Page - Semtech Corporation SMF3.3.TC Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
SMF3.3
3.3 Volt TVS Array
For ESD and Latch-Up Protection
PROTECTION PRODUCTS
PROTECTION PRODUCTS
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 01/15/08
Applications
Mechanical Characteristics
Cellular Handsets and Accessories
Cordless Phones
Personal Digital Assistants (PDAs)
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
ESD protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Small package for use in portable electronics
Protects four I/O lines
Working voltage: 3.3V
Low leakage current
Low operating and clamping voltages
Solid-state EPD TVS technology
EIAJ SC70-5L package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel
1
2
34
5
2
13
45
SC70-5L (Top View)
The SMF series of TVS arrays are designed to protect
sensitive electronics from damage or latch-up due to
ESD, lightning, and other voltage-induced transient
events. Each device will protect up to four lines operat-
ing at 3.3 volts.
The SMF3.3 is a solid-state devices designed specifi-
cally for transient suppression. It is constructed using
Semtech’s proprietary EPD process technology. The
EPD process provides low standoff voltages with
significant reductions in leakage currents and capaci-
tance over traditional pn junction processes. They offer
desirable characteristics for board level protection
including fast response time, low clamping voltage and
no device degradation.
The SMF3.3 may be used to meet the immunity re-
quirements of IEC 61000-4-2, level 4 (±15kV air, ±8kV
contact discharge). The small SC70-5L package
makes them ideal for use in portable electronics such
as cell phones, PDAs, and notebook computers.


Similar Part No. - SMF3.3.TC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
Surface Mount ??200W > SMF3.3 Series
SMF3.3 LITTELFUSE-SMF3.3 Datasheet
995Kb / 4P
SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMF3.3A LEIDITECH-SMF3.3A Datasheet
554Kb / 3P
Glass passivated chip Very fast response time
logo
Shenzhen Luguang Electr...
SMF3.3A LUGUANG-SMF3.3A Datasheet
1Mb / 3P
Transient Voltage Suppressors
Revision:20220701-P1
More results

Similar Description - SMF3.3.TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS3.3 SEMTECH-SMS3.3 Datasheet
158Kb / 7P
3.3 Volt TVS Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Applied Power Microelec...
SLVU2.8 APMICRO-SLVU2.8 Datasheet
535Kb / 4P
2.8V TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com