Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF3.3.TC Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMF3.3.TC
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF3.3.TC Datasheet(HTML) 7 Page - Semtech Corporation

  SMF3.3.TC Datasheet HTML 1Page - Semtech Corporation SMF3.3.TC Datasheet HTML 2Page - Semtech Corporation SMF3.3.TC Datasheet HTML 3Page - Semtech Corporation SMF3.3.TC Datasheet HTML 4Page - Semtech Corporation SMF3.3.TC Datasheet HTML 5Page - Semtech Corporation SMF3.3.TC Datasheet HTML 6Page - Semtech Corporation SMF3.3.TC Datasheet HTML 7Page - Semtech Corporation SMF3.3.TC Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
 2008 Semtech Corp.
www.semtech.com
SMF3.3
PROTECTION PRODUCTS
Outline Drawing - SC-70 5L
Land Pattern - SC-70 5L
ccc C
2X N/2 TIPS
2X E/2
12
N
EI
SEATING
aaa C
bbb
C A-B D
A
bxN
A2
A1
D
A
e1
D
B
e
C
PLANE
DETAIL
L
(L1)
01
0.15
PLANE
GAGE
c
H
A
SEE DETAIL
A
SIDE VIEW
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
REFERENCE JEDEC STD MO-203, VARIATION AA.
4.
.083 BSC
.026 BSC
5
.004
.045
.079
.049
.083
.006
-
5
0.10
1.25
2.10
2.10 BSC
0.65 BSC
.053 1.15
2.00
.012 0.15
1.35
0.30
-
1.90
.075
0°
.012
-
.004
.010
.003
(.017)
.014
-
.028
.000
-
-
-
.035
0.10
0.30
8°
0°
-
8°
0.90
(0.42)
0.36
.018
.009
0.26
0.08
.043
.039
.004 0.00
0.70
-
0.22
0.46
-
0.10
1.10
1.00
-
-
1.30 BSC
.051
DIM
bbb
ccc
e
L1
aaa
01
N
e1
L
c
E1
E
D
A2
A1
b
A
MILLIMETERS
NOM
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
E
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
Z
.033
.106
.039
(.073)
.026
.016
1.00
(1.85)
0.65
0.40
0.85
2.70
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
C
P
G
Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com