Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF3.3.TC Datasheet(PDF) 3 Page - Semtech Corporation

Part # SMF3.3.TC
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF3.3.TC Datasheet(HTML) 3 Page - Semtech Corporation

  SMF3.3.TC Datasheet HTML 1Page - Semtech Corporation SMF3.3.TC Datasheet HTML 2Page - Semtech Corporation SMF3.3.TC Datasheet HTML 3Page - Semtech Corporation SMF3.3.TC Datasheet HTML 4Page - Semtech Corporation SMF3.3.TC Datasheet HTML 5Page - Semtech Corporation SMF3.3.TC Datasheet HTML 6Page - Semtech Corporation SMF3.3.TC Datasheet HTML 7Page - Semtech Corporation SMF3.3.TC Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
 2008 Semtech Corp.
www.semtech.com
SMF3.3
PROTECTION PRODUCTS
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Pulse Waveform
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8
µs
td = 20µs
Forward Voltage vs. Forward Current
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
01
23
45
67
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
Capacitance vs. Reverse Voltage
0
10
20
30
01
23
Reverse Voltage - VR (V)
L to G
L to L
f = 1MHz
0.00
2.00
4.00
6.00
8.00
10.00
01
23
45
67
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0.01
0.1
1
0.1
1
10
100
1000
Pulse Duration - tp (µs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com