Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND10
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10 Datasheet(HTML) 1 Page - STMicroelectronics

  VND10 Datasheet HTML 1Page - STMicroelectronics VND10 Datasheet HTML 2Page - STMicroelectronics VND10 Datasheet HTML 3Page - STMicroelectronics VND10 Datasheet HTML 4Page - STMicroelectronics VND10 Datasheet HTML 5Page - STMicroelectronics VND10 Datasheet HTML 6Page - STMicroelectronics VND10 Datasheet HTML 7Page - STMicroelectronics VND10 Datasheet HTML 8Page - STMicroelectronics VND10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VND10B
DOUBLE CHANNEL
HIGH SIDE SMART POWER SOLID STATE RELAY
PRELIMINARY DATA
September 1994
TYPE
VDSS
R DS(on)
In(*)
VCC
VND10B
40 V
0.1
Ω
3.4 A
26 V
(*) In= Nominal current according to ISO definition for hi gh side automotive switch ( see note 1)
s
OUTPUT CURRENT (CONTINUOUS):
14 A @ Tc=85
oC PER CHANNEL
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST DEMAGNETIZATION
s
VERY LOW STAND-BY POWER DISSIPATION
DESCRIPTION
The VND10B is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side grounded. This
device
has
two channels, and
a common
diagnostic. Built-in thermal shut-down protects
the chip from over temperature and short circuit.
The status output provides an indication of open
load in on
state, open load
in off
state,
overtemperature conditions and stuck-on to VCC.
BLOCK DIAGRAM
HEPTAWATT
(vertical)
HEPTAWATT
(horizontal)
HEPTAWATT
(in-line)
ORDER CODES:
HEPTAWATT vertical
VND10B
HEPTAWATT horizontal
VND10B (011Y)
HEPTAWATT in-line
VND10B (012Y)
1/11


Similar Part No. - VND10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10 STMICROELECTRONICS-VND10 Datasheet
217Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1998
VND10B STMICROELECTRONICS-VND10B Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10B STMICROELECTRONICS-VND10B Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND10BSP STMICROELECTRONICS-VND10BSP Datasheet
217Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1998
More results

Similar Description - VND10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VND05B STMICROELECTRONICS-VND05B Datasheet
87Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VND05B-E STMICROELECTRONICS-VND05B-E Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com