Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND10
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10 Datasheet(HTML) 4 Page - STMicroelectronics

  VND10 Datasheet HTML 1Page - STMicroelectronics VND10 Datasheet HTML 2Page - STMicroelectronics VND10 Datasheet HTML 3Page - STMicroelectronics VND10 Datasheet HTML 4Page - STMicroelectronics VND10 Datasheet HTML 5Page - STMicroelectronics VND10 Datasheet HTML 6Page - STMicroelectronics VND10 Datasheet HTML 7Page - STMicroelectronics VND10 Datasheet HTML 8Page - STMicroelectronics VND10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VSTAT
St atus Voltage Output
Low
ISTAT =1.6 mA
0.4
V
VUS D
Under Voltage Shut
Down
3.5
4.5
6
V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
56
-0. 7
7V
V
TTS D
Thermal Shut-down
Temperature
140
160
180
oC
TSD( hys t.)
Thermal Shut-down
Hysteresis
50
oC
TR
Reset Temperature
125
oC
VOL
Open Volt age Level
Of f-St ate (note 2)
2.5
4
5
V
IOL
Open Load Current
Level
On-State
0.6
0.9
1.4
A
tpovl
St atus Delay
(note 3)
5
10
µs
tpol
St atus Delay
(note 3)
50
500
2500
µs
(*) In= Nominal current according to ISO definition for hi gh side automotive switch ( see note 1)
(^) See switching time waveform
(
•)The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor
cal culated to not exceed 10 mA at the i nput pin.
note 1: The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2: IOL( of f) =( VCC -VOL)/R OL
note 3: tpo vl tpol: ISO definiti on
Note 2 Relevant Figure
Note 3 Relevant Figure
VND10B
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com