Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND10
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10 Datasheet(HTML) 3 Page - STMicroelectronics

  VND10 Datasheet HTML 1Page - STMicroelectronics VND10 Datasheet HTML 2Page - STMicroelectronics VND10 Datasheet HTML 3Page - STMicroelectronics VND10 Datasheet HTML 4Page - STMicroelectronics VND10 Datasheet HTML 5Page - STMicroelectronics VND10 Datasheet HTML 6Page - STMicroelectronics VND10 Datasheet HTML 7Page - STMicroelectronics VND10 Datasheet HTML 8Page - STMicroelectronics VND10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resist ance Junct ion-case
Max
Thermal Resist ance Junction-ambient
Max
1.65
60
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VCC
Supply Voltage
6
13
26
V
In(*)
Nominal Current
T c =85
oCVDS(on)
≤ 0.5 VCC =13 V
3.4
5.2
A
Ron
On St ate Resist ance
IOU T =In VCC =13 V
Tj =25
oC
0.065
0.1
Ω
I S
Supply Current
Of f State
Tj =25
oCVCC = 13 V
35
100
µA
VDS(MAX)
Maximum Voltage Drop IOUT =13 A
Tj =85
oCVCC =13 V
1.2
2
V
Ri
Output to GND internal
I mpedance
Tj =25
oC5
10
20
K
Ω
SWITCHING
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)(^)
Turn-on Delay Time Of
Output Current
Rout =2.7
Ω
5
35
200
µs
tr(^)
Rise Time Of Output
Current
Rout =2.7
Ω
28
110
360
µs
td(off)(^)
Turn-off Delay Time Of
Output Current
Rout =2.7
Ω
10
140
500
µs
tf(^)
Fall Time Of Out put
Current
Rout =2.7
Ω
28
75
360
µs
(di/dt) on
Turn-on Current Slope
Rout =2.7
Ω
0.003
0.1
A/
µs
(di/dt)off
Turn-off Current Slope
Rout =2.7
Ω
0.005
0.1
A/
µs
LOGIC INPUT
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VIL
Input Low Level
Voltage
1.5
V
VIH
Input High Level
Voltage
3.5
(
•)V
VI(hyst.)
I nput Hysteresis
Voltage
0.2
0.9
1.5
V
IIN
I nput Current
VIN =5 V
Tj =25
oC
30
100
µA
VICL
I nput Clamp Voltage
IIN =10 mA
IIN =-10 mA
56
-0. 7
7V
V
VND10B
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com