Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND10
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10 Datasheet(HTML) 5 Page - STMicroelectronics

  VND10 Datasheet HTML 1Page - STMicroelectronics VND10 Datasheet HTML 2Page - STMicroelectronics VND10 Datasheet HTML 3Page - STMicroelectronics VND10 Datasheet HTML 4Page - STMicroelectronics VND10 Datasheet HTML 5Page - STMicroelectronics VND10 Datasheet HTML 6Page - STMicroelectronics VND10 Datasheet HTML 7Page - STMicroelectronics VND10 Datasheet HTML 8Page - STMicroelectronics VND10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FUNCTIONAL DESCRIPTION
The device has a common diagnostic output for
both channels which indicates open load in
on-state, open load in off-state, over temperature
conditions and stuck-on to VCC.
From the falling edge of the input signal, the
status output, initially low
to signal a fault
condition
(overtemperature
or
open
load
on-state), will go back to a high state with a
different delay in case of overtemperature (tpovl)
and in case of open open load (tpol) respectively.
This feature allows to discriminate the nature of
the detected fault. To protect the device against
short circuit and over current condition, the
thermal protection turns the integrated Power
MOS off at a minimum junction temperature of
140
oC. When this temperature returns to 125 oC
the switch is automatically turned on again. In
short circuit the protection reacts with virtually no
delay, the sensor (one for each channel) being
located inside each of the two Power MOS areas.
This positioning allows the device to operate with
one channel in automatic thermal cycling and the
other one on a normal load. An internal function
of the devices ensures the fast demagnetization
of inductive loads with a typical voltage (Vdemag)
of -18V. This function allows to greatly reduces
the power dissipation according to the formula:
Pdem =0.5
• Lload • (Iload)2 • [(VCC+Vdemag)/Vdemag] • f
where f = switching frequency and
Vdemag = demagnetization voltage.
The maximum inductance which causes the chip
temperature to reach the shut-down temperature
in a specified thermal environment is a function of
the load current for a fixed VCC, Vdemag and f
according to the above formula. In this device if
the GND pin is disconnected, with VCC not
exceeding 16V, both channel will switch off.
PROTECTING
THE
DEVICE
AGAINST
REVERSE
BATTERY
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a Schottky diode between pin 2 (GND) and
ground, as shown in the typical application circuit
(fig. 2).
The consequences of the voltage drop across
this diode are as follows:
– If the input is pulled to power GND, a negative
voltage of -Vf is seen by the device. (Vil, Vih
thresholds and Vstat are increased by Vf with
respect to power GND).
– The undervoltage shutdown level is increa-
sed by Vf.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit
to the
device ground (see application circuit in fig. 3),
which becomes the common signal GND for the
whole control board avoiding shift of Vih,Vil and
Vstat. This solution allows the use of a standard
diode.
Switching Time Waveforms
VND10B
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com