Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1205 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1205
Description  High Speed Synchronous Power MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1205 Datasheet HTML 1Page - Semtech Corporation SC1205 Datasheet HTML 2Page - Semtech Corporation SC1205 Datasheet HTML 3Page - Semtech Corporation SC1205 Datasheet HTML 4Page - Semtech Corporation SC1205 Datasheet HTML 5Page - Semtech Corporation SC1205 Datasheet HTML 6Page - Semtech Corporation SC1205 Datasheet HTML 7Page - Semtech Corporation SC1205 Datasheet HTML 8Page - Semtech Corporation SC1205 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1205
High Speed Synchronous
Power MOSFET Driver
Features
Applications
Revision: September 22, 2004
Description
The SC1205 is a cost effective Dual MOSFET Driver de-
signed for switching High and Low side Power MOSFETs.
Each driver is capable of driving a 3000pF load in 20ns
max rise/fall time and has a 20ns max propagation de-
lay from input transition to the gate of the power FET’s.
An internal Overlap Protection circuit prevents shoot-
through from Vin to GND in the main and synchronous
MOSFET’s. The Adaptive Overlap Protection circuit en-
sures the Bottom FET does not turn on until the Top FET
source has reached a voltage low enough to prevent
cross-conduction.
The high current drive capability (3A peak) allows fast
switching, thus reducing switching losses at high (up to
1MHz) frequencies without overheating the driver. The
high voltage CMOS process allows operation from 5-25
Volts at top MOSFET drain, thus making SC1205 suit-
able for battery powered applications. Connecting En-
able pin (EN) to logic low shuts down both drives and
reduces operating current to less than 10uA.
An Under-Voltage-Lock-Out circuit is included to guaran-
tee that both driver outputs are low when the 5V logic
level is less than or equal to 4.4V (typ) at supply ramp up
(4.35V at supply ramp down). An Internal temperature
sensor shuts down all drives in the event of
overtemperature. SC1205 is fabricated utilizing Bi-CMOS
technology for low quiescent current. The SC1205 is of-
fered in a standard SO-8 package.
Fast rise and fall times (15ns typical with 3000pf
load)
3 Amp peak drive current
14ns max Propagation delay (BG going low)
Adaptive Non-overlapping Gate Drives provide
shoot-through protection
Floating top drive switches up to 25V
Under-Voltage lock-out
Overtemperature protection
Less than 10µA supply current when EN is low
Low cost
High Density sunchronous power supplies
Motor Drives/Class-D amps/Half bridge drivers
High frequency (to 1.2 MHz) operation allows use
of small inductors and low cost caps in place of
electrolytics
High efficiency portable computers
Battery powered applications
Typical Application Circuit
Vcore, 1.7v,40A
+5V
Vin 5-12V
Rf
Rref
Ri
10nf
2.5m
10
SC2422A
12
9
2
3
1
13
7
5
6
11
14
4
10
15
16
8
OUT2
GND
VID3
VID2
VID4
OUT1
FB
VID0
ERROUT
OC-
OC+
VID1
UVLO
BGOUT
VCC
RREF
70N03
SC1205
CO
TG
DRN
VS
EN
BG
SC1205
CO
TG
DRN
VS
EN
BG
10u,CER
2200uf
70N03
70N03
70N03


Similar Part No. - SC1205

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
Littelfuse
SC1205-01ETG LITTELFUSE-SC1205-01ETG Datasheet
449Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
SC1205-01UTG LITTELFUSE-SC1205-01UTG Datasheet
553Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
logo
Semtech Corporation
SC1205CS SEMTECH-SC1205CS Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results

Similar Description - SC1205

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
136Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
High Speed Synchronous Power MOSFET Smart Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1405D SEMTECH-SC1405D Datasheet
248Kb / 14P
High Speed Synchronous Power MOSFET Smart Driver
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com