Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740M1-RQHH Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2740M1-RQHH
Description  DAB Digital Processing Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740M1-RQHH Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2740M1-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NOTE: This is a summary document.
The complete document is available.
For more information, please contact
your local Atmel sales office.
Features
ATR2740M1 is a Special Version of ATR2740 Recommended for Automotive
Applications
Highly Integrated Digital Device for DAB Receivers (Eureka 147)
Utilizes the ARM7TDMI® Core
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Embedded ICE (In-Circuit Emulation)
Utilizes TeakDSPCore
– 16-bit Fixed-point Digital Signal Processing Core
DAB OFDM Channel Demodulator and Decoder
– Fully Integrated, Supports all DAB Functions and Modes
– Full Data Rate of 1.8 Mbit Can Be Decoded
– Automatic Mode Detection (AMD)
– Digital AFC (Frequency Tolerance < 0.5 Hz for Mode I)
– Digital AGC with a Wide Gain Control Range
– Demodulation and Decoding of up to 64 UEP/EEP Sub-channels
Audio Source Decoder (ASD) and Data Decoder (DD)
– On-chip De-interleaver Memory for Full 1.8 Mbit/s Decoding Data Rate
– PAD Extraction
– Two Independent Data Packet Mode Decoder
Integrated High-density SRAM Supporting Time and Frequency De-interleaving
10 Msps High-speed Low-power Pipelined ADC
– Supports Wide IF Range of 2.048 MHz to 50 MHz
– Complex Bandpass Filtering
– Optional SAW Filter Equalization
ARM7TDMI Core User Software Extension
– Audio Player MP3 Support
Large Variety of Interfaces
–I2S/SPDIF, SFCO, SSO, RDI, RS-232, USART
– Two USARTs
Master/Slave SPI Interface
– Two Dedicated Peripheral Data Controller (PDC) Channels
– 8- to 16-bit Programmable Data Length
– Four External Slave Chip Selects
Programmable Watchdog Timer
Power Management Controller (PMC)
– CPU and Peripherals Can Be De-activated Individually
– Simple But Comfortable Gearing and Clocking Unit
32 User Programmable I/O Lines (PIO)
Low-power Consumption for Portable Applications (3.3V and 1.8V)
Robust LQFP128 Package
Very Low External Component Count
DAB Digital
Processing
Device
ATR2740M1
Summary
4977CS–DAB–10/08


Similar Part No. - ATR2740M1-RQHH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740 Datasheet
541Kb / 7P
DAB DIGITAL PROCESSING DEVICE
ATR2740 ATMEL-ATR2740 Datasheet
183Kb / 8P
DAB Digital Processing Device
ATR2740 ATMEL-ATR2740 Datasheet
197Kb / 9P
DAB Digital Processing Device
ATR2740-7GHG ATMEL-ATR2740-7GHG Datasheet
541Kb / 7P
DAB DIGITAL PROCESSING DEVICE
ATR2740-7GHG ATMEL-ATR2740-7GHG Datasheet
183Kb / 8P
DAB Digital Processing Device
More results

Similar Description - ATR2740M1-RQHH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740 Datasheet
541Kb / 7P
DAB DIGITAL PROCESSING DEVICE
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
IF Signal Processing for DAB
U2752M TEMIC-U2752M Datasheet
79Kb / 6P
Digital I/Q-Generator Chip for DAB
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740_07 Datasheet
183Kb / 8P
DAB Digital Processing Device
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
DAB Digital Processing Device
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
logo
STMicroelectronics
STA660 STMICROELECTRONICS-STA660 Datasheet
212Kb / 8P
DAB/DAB/DMB-A multi-standard digital radio decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com