Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740M1-RQHH Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2740M1-RQHH
Description  DAB Digital Processing Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740M1-RQHH Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2740M1-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
4977CS–DAB–10/08
ATR2740M1
Electrostatic sensitive device.
Observe precautions for handling.
2.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Min.
Max.
Unit
Operating free air temperature range for LQFP128
–40
+85
°C
Storage temperature
T
Stg
–60
+150
°C
DC supply voltage
VDD18
–0.3
+1.95
V
VDD33
–0.3
+3.6
V
AVDD
–0.3
+3.6
V
DC input voltage
–0.3
+1.95
V
Notes:
1. The part may not survive if all maximums are applied simultaneously.
3.
DC Electrical Characteristics
Test conditions (if not otherwise specified): VCC = +1.8V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
DC supply voltage
VDD18
1.65
1.8
1.95
V
D
1.2
Low-level input
voltage
VDD18 = 1.65 to 1.95V
VIL
–0.3
+0.3
×
VDD18
VD
1.3
High-level input
voltage
VDD18 = 1.65 to 1.95V
VIH
+0.7
×
VDD18
VDD18
+ 0.3
VD
1.4
Low-level output
voltage
IOL = 1.5 mA
VDD18 = 1.65V
V
OL
0.4
V
A
1.5
High-level output
voltage
IOH = –1.5 mA
VDD18 = 1.65V
VOH
1.2
V
A
1.11
Crystal oscillator
frequency
24.576
MHz
D
1.12
Clock duty cycle
40
60
%
D
1.14
JTAG TCK frequency
FTCK
0.02
33
MHz
D
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com