Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740M1-RQHH Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR2740M1-RQHH
Description  DAB Digital Processing Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740M1-RQHH Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR2740M1-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
4977CS–DAB–10/08
ATR2740M1
4.
Electrical Characteristics on ADC/IF Input
Test conditions (if not otherwise specified): V
CC = +3.3V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
2.1
ADC DC supply
voltage
AVDD
3
3.3
3.6
V
D
2.2
IF frequency range
FIF
2.048
50
MHz
D
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
5.
DC Power Consumption
Test conditions (if not otherwise specified): V
CC = +1.8V, Tamb = +25°C
Mode
Conditions
Typ.
Max.
Unit
Core Power Consumption
DAB full
Decode of all MSC’s and 1 audio sub-channel
80
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com