Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740M1-RQHH Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2740M1-RQHH
Description  DAB Digital Processing Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740M1-RQHH Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR2740M1-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740M1-RQHH Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
4977CS–DAB–10/08
ATR2740M1
7.
Package Information LQFP128
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR2740M1-RQHH
LQFP128
16 mm
× 16 mm, 0.40 mm pitch, Pb-free, for automotive
applications
specifications
according to DIN
technical drawings
Issue: 1; 15.09.03
Drawing-No.: 6.543-5103.01-4
Dimensions in mm
(acc. JEDEC OUTLINE No. MS-026)
Package: LQFP 128
0.1±0.05
14±0.1
16±0.2
12.4
33
64
128
65
96
1.6 max.
3.5
˚
±3.5
˚
32
1
97
0.15-0.06
+0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com