Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CF Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7240CF Datasheet HTML 9Page - Texas Instruments ISO7240CF Datasheet HTML 10Page - Texas Instruments ISO7240CF Datasheet HTML 11Page - Texas Instruments ISO7240CF Datasheet HTML 12Page - Texas Instruments ISO7240CF Datasheet HTML 13Page - Texas Instruments ISO7240CF Datasheet HTML 14Page - Texas Instruments ISO7240CF Datasheet HTML 15Page - Texas Instruments ISO7240CF Datasheet HTML 16Page - Texas Instruments ISO7240CF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
t
fs
IN
OUT
0V
or
V
1
CC
V
1
CC
V
I
C
L
NOTEB
V
O
V
I
V
O
50%
V
1
CC
0V
V
OH
V
OL
2.7V
fslow
V O
Input
Generator
50 W
OUT
DISABLE
VI
IN
0 V
VO
V I
VCC2/2
50 %
50 %
t wake
VO
Input
Generator
50 W
OUT
DISABLE
V O
V I
IN
0 V
C L
wake
t
VCC2/2
( Note A)
( Note A )
C L
( NoteB )
(NoteB )
VCC2
VCC2
VCC 2
VCC2
0 V
0 V
0 V
0 V
NOTE:Whichevertestyieldsthelongesttimeisusedinthisdatasheet
VI
CTRL
3 V
CTRL
3 V
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com........................................................................................................................................ SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
B.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
Figure 3. Failsafe Delay Time Test Circuit and Voltage Waveforms
A.
Whichever test yields the longest time is used in this data sheet.
Figure 4. Wake Time From Input Disable Test Circuit and Voltage Waveforms
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com