Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CF Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7240CF Datasheet HTML 14Page - Texas Instruments ISO7240CF Datasheet HTML 15Page - Texas Instruments ISO7240CF Datasheet HTML 16Page - Texas Instruments ISO7240CF Datasheet HTML 17Page - Texas Instruments ISO7240CF Datasheet HTML 18Page - Texas Instruments ISO7240CF Datasheet HTML 19Page - Texas Instruments ISO7240CF Datasheet HTML 20Page - Texas Instruments ISO7240CF Datasheet HTML 21Page - Texas Instruments ISO7240CF Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
APPLICATION INFORMATION
1
2
3
4
5
6
7
8
ISO7240x
9
10
11
12
13
14
15
16
NC
IN A
GND1
GND1
GND2
GND2
IN B
IN C
OUT A
OUT C
OUT B
IN D
OUT D
EN
0.1
F
m
V
CC1
2mm
max.from
V
CC1
2mm
max.from
V
CC2
V
CC2
0.1
F
m
1
2
3
4
5
6
7
8
ISO7240CF
9
10
11
12
13
14
15
16
DISABLE
IN A
GND1
GND1
GND 2
GND2
IN B
IN C
OUT A
OUT C
OUT B
IN D
OUT D
CTRL
0.1
F
m
V
CC1
2mm
max.from
V
CC1
2mm
max.from
V
CC2
V
CC2
0.1
F
m
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
Figure 15. Typical ISO7240x Application Circuit
Figure 16. Typical ISO7240CF Failsafe-Low Application Circuit
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com