Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CF Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7240CF Datasheet HTML 10Page - Texas Instruments ISO7240CF Datasheet HTML 11Page - Texas Instruments ISO7240CF Datasheet HTML 12Page - Texas Instruments ISO7240CF Datasheet HTML 13Page - Texas Instruments ISO7240CF Datasheet HTML 14Page - Texas Instruments ISO7240CF Datasheet HTML 15Page - Texas Instruments ISO7240CF Datasheet HTML 16Page - Texas Instruments ISO7240CF Datasheet HTML 17Page - Texas Instruments ISO7240CF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
VCM
IN
OUT
GND1
NOTEB
S1
V
orV
OH
OL
V
1
CC
V
2
CC
C=0.1 F±1%
m
C=0.1 F±1%
m
GND2
Pass-failcriteria:
Outputmust
remainstable
OUT
Tektronix
HFS9009
PATTERN
GENERATOR
IN
DUT
Tektronix
784D
V
1
CC
0V
V
/ 2
C C
Jitter
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
B.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
Figure 5. Common-Mode Transient Immunity Test Circuit and Voltage Waveform
NOTE: PRBS bit pattern run length is 216 – 1. Transition time is 800 ps. NRZ data input has no more than five consecutive 1s
or 0s.
Figure 6. Peak-to-Peak Eye-Pattern Jitter Test Circuit and Voltage Waveform
14
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com