Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CF Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CF Datasheet(HTML) 3 Page - Texas Instruments

  ISO7240CF Datasheet HTML 1Page - Texas Instruments ISO7240CF Datasheet HTML 2Page - Texas Instruments ISO7240CF Datasheet HTML 3Page - Texas Instruments ISO7240CF Datasheet HTML 4Page - Texas Instruments ISO7240CF Datasheet HTML 5Page - Texas Instruments ISO7240CF Datasheet HTML 6Page - Texas Instruments ISO7240CF Datasheet HTML 7Page - Texas Instruments ISO7240CF Datasheet HTML 8Page - Texas Instruments ISO7240CF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com........................................................................................................................................ SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008
VALUE
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5 to 6
V
VI
Voltage at IN, OUT, EN, DISABLE, CTRL
–0.5 to 6
V
IO
Output current
±15
mA
Human Body Model
JEDEC Standard 22, Test Method A114-C.01
±4
kV
Electrostatic Field-Induced-Charged Device
ESD
JEDEC Standard 22, Test Method C101
All pins
±1
discharge
Model
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
MIN
TYP
MAX
UNIT
VCC
Supply voltage(1), VCC1, VCC2
3.15
5.5
V
IOH
High-level output current
4
mA
IOL
Low-level output current
–4
mA
ISO724xC
40
tui
Input pulse width
ns
ISO724xM
6.67
5
ISO724xC
0
30(2)
25
1/tui
Signaling rate
Mbps
ISO724xM
0
200(2)
150
VIH
High-level input voltage (IN)
0.7 VCC
VCC
V
ISO724xM
VIL
Low-level input voltage (IN)
0
0.3 VCC
V
VIH
High-level input voltage (IN, DISABLE, CTRL, EN)
2
VCC
V
ISO724xC
VIL
Low-level input voltage (IN, DISABLE, CTRL, EN)
0
0.8
V
TJ
Junction temperature
150
°C
H
External magnetic field-strength immunity per IEC 61000-4-8 and IEC 61000-4-9
A/m
1000
certification
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
(2)
Typical value at room temperature and well-regulated power supply.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com