Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3703 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3703 Datasheet HTML 1Page - ATMEL Corporation ATSAM3703 Datasheet HTML 2Page - ATMEL Corporation ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
6237A–DRMSD–29-May-06
ATSAM3703
2.
DSP Array Block Diagram
Figure 2-1.
DSP Array Block Diagram
Sync Bus
Async Bus
Audio I/0
External I/O
I/Os,
Timers,
UARTs,
Ports
etc.
Router
Final ACC
MIX
Audio OUT
Audio IN
Enhanced
16-bit Processor
(P16)
Embedded ROM
1k x 16
BIOS and Debug
MMU
Embedded
EEPROM
16K x 16
Embedded RAM
8K x 24
DSP Array (3 P24 DSPs)
External I/O
to SDRAM or
DDR SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com