Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3703 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM3703 Datasheet HTML 1Page - ATMEL Corporation ATSAM3703 Datasheet HTML 2Page - ATMEL Corporation ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
6237A–DRMSD–29-May-06
ATSAM3703
3.6
Router: Final ACC, MIX, Audio Out, Audio In
This block includes a RAM, accessed through the Async Bus, which defines the routing from the
Sync Bus to/from the Audio I/O or back to the Sync Bus (mix send). It takes care of mix and
accumulation from Sync Bus samples. 8 channels of audio in and 8 channels of audio out are
provided (4 stereo in/out, I2S format). The stereo audio in channels may have a different sam-
pling rate than the audio out channels. In this case, one or more P24s take care of sampling rate
conversion.
3.7
I/O
The ATSAM3703 includes very versatile I/Os that share common pins for reduced pin count and
small IC footprint. Most I/Os, when not used for a specific function, remain available as firmware
controlled general-purpose pins.
The following peripherals are included on chip:
• 2 x 8-bit timers
•2 x 16-bit timers
• Parallel slave 8-bit port, MPU401 compatible
• Parallel master 8-bit port, for connection to SmartMedia and/or LCD display, switches, etc.
• 2 x asynchronous bi-directional serial port (one used as debug interface)
• Synchronous serial slave port (SPI type host connection)
• Firmware controlled I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com