Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3703 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
6237A–DRMSD–29-May-06
ATSAM3703
The maximum SCLK frequency is f
CK (fCK is the crystal frequency).
The minimum time between two bytes is 64 f
CK periods.
The contents of the SDIN data are defined by the firmware.
Figure 9-3.
Typical Interface Timing for Serial Slave
9.4
External DDR SDRAM and SDRAM Memories
9.4.1
Overview
The ATSAM3703 supports the DDR SDRAM components compatible with JEDEC standard
(JESD79D).
Following memories can be connected to the ATSAM3703:
• DDR SDRAM, 4 bits wide
• SDRAM, 4 bits wide
DDR SDRAM and SDRAM cannot be connected at the same time. The type of connection is
SSTL_2 for DDR SDRAM and LVTTL for SDRAM.
DDR SDRAM and SDRAM use time multiplexed addressing with a ROW/COL scheme (banks
WBA0 to WBA1 and address lines WA0 to WA11).
9.4.2
Double Data Rate SDRAM
9.4.2.1
Memory Size
The data bus is 4 bits wide. Due to the 12-bit address bus, the maximum accessible address
space is 128 Mbits (32M x 4). Larger components are supported, but only a part of the address
space is used.
SCLK
SYNC
SDIN
MSB
Table 9-2.
DDR SDRAM Memory Size
DDR Size
Bank
Address
Row
Address
Column
Address
Remark
64 Mbits (16 M x 4)
2 bits
12 bits
10 bits
128 Mbits (32 M x 4)
2 bits
12 bits
11 bits
256 Mbits (64 M x 4)
2 bits
13 bits
11 bits
Only 12-bit rows are used (only 128 Mbits are accessible).
512 Mbits (128 M x 4)
2 bits
13 bits
12 bits
1 Gbits (256 M x4)
2 bits
14 bits
12 bits
Only 12-bit rows are used (only 128 Mbits are accessible).
Self-refresh might not be supported (depending on to tXSNR
value; see below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com