Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3703 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM3703 Datasheet HTML 1Page - ATMEL Corporation ATSAM3703 Datasheet HTML 2Page - ATMEL Corporation ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
6237A–DRMSD–29-May-06
ATSAM3703
3.
Functional Description
3.1
DSP Array
The ATSAM3703 includes 3 on-chip DSPs.
Each DSP (P24) is built around a 2K x 24 RAM and a 1K x 24 ROM. The RAM contains both
data and P24 instructions; the ROM contains typical coefficients such as FFT cosines and win-
dowing. A P24 sends and receives audio samples through the Sync Bus. It can request external
data, such as compressed audio, through the Async Bus. Each P24 RAM can be accessed
through the Async Bus.
Each P24 is capable of typical MAC operation loops, including auto-indexing, bit reverse and
butterfly (multiplication of complex numbers). It also includes specialized audio instructions such
as state variable IIR filtering, envelope generation, linear interpolation and wavetable loop. The
DSPs have new 48-bit double precision instructions for improved Pro Audio applications.
One P24 is sufficient for processing one channel of MP3, implementing a multi-tap delay line or
a multi-tap transversal filter.
3.2
Sync Bus
The Sync Bus transfers data on a frame basis, typical frame rates being 32, 44.1, 48, 96 kHz.
Each frame is divided into 64 time slots. Each slot is divided into 4 bus cycles. Each P24 is
assigned a hardwired time slot (8 to 63), during which it may provide 24-bit data to the bus (up to
4 data samples). Each P24 can read data on the bus at any time, allowing inter P24 communica-
tion at the current sampling rate. Slots 0 to 7 are reserved for a specific router DSP, which also
handles audio out, audio in, and remix send.
3.3
Async Bus
The Async Bus is 24-bit data inside the chip and 16-bit outside.
The P16 processor normally masters the Async Bus, it can read/write the P24 memories and the
external or embedded ROM/RAM. However, each P24 can request a bus master cycle for
accessing external ROM/RAM or other P24 memories. This allows efficient intercommunication
between several P24s on asynchronous block basis. Specific P24 instructions FLOAT and FIX
allow to convert fixed point DSP data to floating point 16 bits. This allows for 20-bit audio
dynamic range when using 16-bit external memory.
3.4
Enhanced 16-bit Processor
This is the new enhanced version of P16 processor with added instructions allowing optimized
use of C compiler. Using the P16, widely used in Dream
® products, maintains continuity for the
large firmware investments from the SAM97xx series. A built-in ROM, connected to the P16
holds basic input/output software (BIOS) for peripherals such as UART, SmartMedia®, MPU as
well as a debugger which uses a dedicated asynchronous serial line. The firmware can reside on
the built-in 16K x 16 EEPROM or it can be downloaded at power-up into the built-in 8K x 24
RAM from serial SmartMedia or host.
3.5
Memory Management Unit
The MMU handles transfer requests between the external or embedded RAM/ROM, the P16
and the P24s through the Async Bus. The ATSAM3703 includes an on chip 8K x 24 RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com