Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3216LAH Datasheet(PDF) 14 Page - FIDELIX

Part # CMS3216LAH
Description  32M(2Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3216LAH Datasheet(HTML) 14 Page - FIDELIX

Back Button CMS3216LAH Datasheet HTML 10Page - FIDELIX CMS3216LAH Datasheet HTML 11Page - FIDELIX CMS3216LAH Datasheet HTML 12Page - FIDELIX CMS3216LAH Datasheet HTML 13Page - FIDELIX CMS3216LAH Datasheet HTML 14Page - FIDELIX CMS3216LAH Datasheet HTML 15Page - FIDELIX CMS3216LAH Datasheet HTML 16Page - FIDELIX CMS3216LAH Datasheet HTML 17Page - FIDELIX CMS3216LAH Datasheet HTML 18Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Rev0.2, Aug. 2006
CMS3216LAx-75Ex
AUTO REFRESH
AUTO REFRESH is used during normal operation of the
SDRAM. This command is nonpersistent, so it must be issued
each time a refresh is required. All active banks must be
PRECHARGED prior to issuing an AUTO REFRESH command.
The AUTO REFRESH command should not be issued until the
minimum tRP has been met after the PRECHARGE command.
The addressing is generated by the internal refresh controller.
The address bits thus are a “Don’t Care” during an AUTO
REFRESH command. The Fidelix 32Mb SDRAM requires
2,048 AUTO REFRESH cycles every 64ms (tREF), regardless
of width option. Providing a distributed AUTO REFRESH
command every 31.25µs will meet the refresh requirement and
ensure that each row is refreshed.
Alternatively, 2,048 AUTO REFRESH commands can be issued
in a burst at the minimum cycle rate (tRFC), once every 64ms.
SELF REFRESH
The SELF REFRESH command can be used to retain data in
the SDRAM(without external clocking), even if the rest of the
system is powered down. The SELF REFRESH command is
initiated like an AUTO REFRESH command except CKE is
disabled (LOW). Once the SELF REFRESH command is reg-
istered, all the inputs to the SDRAM become “Don’t Care” with
the exception of CKE, which must remain LOW. Once self
refresh mode is engaged, the SDRAM provides its own internal
clocking, causing it to perform its own AUTO REFRESH cycles.
The SDRAM must remain in self refresh mode for a minimum
period equal to tRAS and may remain in self refresh mode for
an indefinite period beyond that. The procedure for exiting self
refresh requires a sequence of commands. First, CLK must be
stable (meet the clock specifications in the AC characteristics)
prior to CKE going back HIGH. Once CKE is HIGH, the SDRAM
must have NOP commands issued (a minimum of two clocks)
for tXSR because time is required for the completion of any
internal refresh in progress. Upon exiting the self refresh mode,
AUTO REFRESH commands must be issued every 31.25µs or
less as both SELF REFRESH and AUTO REFRESH utilize he
row refresh counter.
DEEP POWER DOWN
Deep Power Down Mode is an operating mode to achieve maximum
power reduction by cutting the power of the whole memory array of
the device.
Data will not be retained once the device enters DPD Mode.
Full initialization is required when the device exits from DPD Mode.
The DC value of DPD Mode can’t be zero due to transistor’s leakage
current; a reverse PN diode leakage current which is called ‘Junction
leakage current’ and a punch-through leakage current.
[Figure29.30]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com