Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3216LAH Datasheet(PDF) 3 Page - FIDELIX

Part # CMS3216LAH
Description  32M(2Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3216LAH Datasheet(HTML) 3 Page - FIDELIX

  CMS3216LAH Datasheet HTML 1Page - FIDELIX CMS3216LAH Datasheet HTML 2Page - FIDELIX CMS3216LAH Datasheet HTML 3Page - FIDELIX CMS3216LAH Datasheet HTML 4Page - FIDELIX CMS3216LAH Datasheet HTML 5Page - FIDELIX CMS3216LAH Datasheet HTML 6Page - FIDELIX CMS3216LAH Datasheet HTML 7Page - FIDELIX CMS3216LAH Datasheet HTML 8Page - FIDELIX CMS3216LAH Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Rev0.2, Aug. 2006
CMS3216LAx-75Ex
Features
- Functionality
- Standard SDRAM Functionality
- Programmable burst lengths : 1, 2, 4, 8, or full page
- JEDEC Compatibility
- Low Power Features
- Low voltage power supply : 1.8V
- Auto TCSR(Temperature Compensated Self Refresh)
- Partial Array Self Refresh power-saving mode
- Deep Power Down Mode
- Driver Strength Control
- Operating Temperature Ranges:
- Special (-10℃ to +60℃)
- Commercial (0℃ to +70℃)
- Extended (-25℃ to +85℃)
- Industrial (-40℃ to +85℃)
- LVCMOS Compatible IO Interface
- 54ball FBGA with 0.8mm ball pitch
- CMS3216LAF : Normal
- CMS3216LAG : Pb-Free
- CMS3216LAH : Pb-Free & Halogen Free
Functional Description
The CMS3216LAx-xxxx family is high-performance CMOS
Dynamic RAMs (DRAM) organized as 2M x 16. These devices
feature advanced circuit design to provide ultra-low active current
and extremely low standby current.This is ideal for providing
More Battery Life in portable applications such as wireless
handsets. The device is compatible with the JEDEC standard
LP-SDRAM specifications.
Selection Guide
20ns
20ns
8ns
100MHz
20ns
20ns
7ns
133MHz
1.70-VDD
1.70-1.95V
CMS3216LAx-75Ex
t
RCD
CL=2
Access Time(t
AC)
CL=3
V
DDQ
V
DD
t
RP
Frequency
Voltage
Device
Column
Decoder
Bank 0
Row
Addr
Latch/
Decoder
Bank 1
Bank 0
Row
Addr
Latch/
Decoder
Bank 0
Memory
Array
2Kx8K
Sense Amp
Row
Add
Mux
Write Drivers
DQM Mask
READ DATA
LATCH
Data
Output
Reg
Column
Address
Latch
Bank
Control
Logic
Refresh
Counter
Addr
Reg
Data
Input
Reg
DQM0-
DQM1
DQ0 -
DQ15
Column
Decoder
Enhanced
Mode
Reg
Mode
Reg
Control
Logic
CKE
CLK
/CS
/WE
/CAS
/RAS
A0-A10
BS
Logic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com