Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS3216LAH Datasheet(PDF) 19 Page - FIDELIX

Part # CMS3216LAH
Description  32M(2Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3216LAH Datasheet(HTML) 19 Page - FIDELIX

Back Button CMS3216LAH Datasheet HTML 15Page - FIDELIX CMS3216LAH Datasheet HTML 16Page - FIDELIX CMS3216LAH Datasheet HTML 17Page - FIDELIX CMS3216LAH Datasheet HTML 18Page - FIDELIX CMS3216LAH Datasheet HTML 19Page - FIDELIX CMS3216LAH Datasheet HTML 20Page - FIDELIX CMS3216LAH Datasheet HTML 21Page - FIDELIX CMS3216LAH Datasheet HTML 22Page - FIDELIX CMS3216LAH Datasheet HTML 23Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Rev0.2, Aug. 2006
CMS3216LAx-75Ex
Operation
BANK / ROW ACTIVATION
Before any READ or WRITE commands can be issued to a
bank within the SDRAM, a row in that bank must be “opened”
(activated). This is accomplished via the ACTIVE command,
which selects both the bank and the row to be activated. A
READ or WRITE command may then be issued to that row,
subject to the tRCD specification. tRCD (MIN) should be divided
by the clock period and rounded up to the next whole number to
determine the earliest clock edge after the ACTIVE command
on which a READ or WRITE command can be entered. For
example, a tRCD specification of 20ns with a 125 Mhz clock
(8ns period) results in 2.5 clocks, rounded to 3. (The same
procedure is used to convert other specification limits from time
units to clock cycles.) A subsequent ACTIVE command to a
different row in the same bank can only be issued after the
previous active row has been “closed” (precharged). The
minimum time interval between successive ACTIVE commands
to the same bank is defined by tRC. A subsequent ACTIVE
command to another bank can be issued while the first bank is
being accessed, which results in a reduction of total row-access
overhead. The minimum time interval between successive
ACTIVE commands to different banks is defined by t tRRD.
READs
READ bursts are initiated with a READ command, as shown in
Figure 3. The starting column and bank addresses are provided
with the READ command, and auto precharge is either enabled
or disabled for that burst access. For the generic READ comm-
ands used in the following illustrations, auto precharge is disab-
led. During READ bursts, the valid data-out element from the
starting column address will be available following the CAS
latency after the READ command. Each subsequent data-out
element will be valid by the next positive clock edge. Figure 2.
shows general timing for each possible CAS latency setting.
Upon completion of a burst, assuming no other commands
have been initiated, the DQs will go High-Z. A fullpage burst will
continue until terminated. (The burst will wrap around at the end
of the page). A continuous flow of data can be maintained by
having addtional Read Burst or single Read Command. The
first data element from the new burst follows either the last
element of a completed burst or the last desired data element of
a longer burst that is being truncated.
The new READ command should be issued x cycles before the
clock edge at which the last desired data element is valid,
where x equals the CAS latency minus one.
This is shown in Figure 4. for CAS latencies of one, two and
three; data element n + 3 is either the last of a burst of four or
the last desired of a longer burst. Full-speed random read
accesses can be performed to the same bank, as shown in
Figure 5. , or each subsequent READ may be performed to a
different bank.
Figure 3. Read Command
CLK
CKE
/CS
/RAS
/CAS
/WE
A0-A8
A9
A10
BS
Read Command
High
Column
Address
Bank
Address
Enable Auto Precharge
Disable Auto Precharge
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com